Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWT3LRF1.EM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWT3LRF1.EM
Description  Omnidirectional retrofits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWT3LRF1.EM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWT3LRF1.EM Datasheet HTML 1Page - OSRAM GmbH GWT3LRF1.EM Datasheet HTML 2Page - OSRAM GmbH GWT3LRF1.EM Datasheet HTML 3Page - OSRAM GmbH GWT3LRF1.EM Datasheet HTML 4Page - OSRAM GmbH GWT3LRF1.EM Datasheet HTML 5Page - OSRAM GmbH GWT3LRF1.EM Datasheet HTML 6Page - OSRAM GmbH GWT3LRF1.EM Datasheet HTML 7Page - OSRAM GmbH GWT3LRF1.EM Datasheet HTML 8Page - OSRAM GmbH GWT3LRF1.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2016-07-19
1
2016-07-19
SOLERIQ
® L 38
Datasheet
Version 1.4
GW T3LRF1.EM
The SOLERIQ® L 38 combines high efficacy and a
wide beam angle into small footprint ( 30.0mm x
1.8mm), which is ideal choice for all 360° bulb and
candle light application.
The SOLERIQ® L 38 combines high efficacy and a
wide beam angle into small footprint ( 30.0mm x
1.8mm), which is ideal choice for all 360° bulb and
candle light application.
Features:
Besondere Merkmale:
Package: Chip-on-Board
Gehäusetyp: Chip-on-Board
Viewing angle at 50 % I
V: 360°
Abstrahlwinkel bei 50 % I
V: 360°
Color: 2200 K - 4000 K (white)
Farbe: 2200 K - 4000 K (weiß)
CRI: min. 80
CRI: min. 80
Luminous Flux: typ. 131.5 lm @ 2700 K
Lichtstrom: typ. 131.5 lm @ 2700 K
Luminous efficacy: typ. 153 lm/W @ 2700 K
Lichtausbeute: typ. 153 lm/W @ 2700 K
Applications
Anwendungen
Omnidirectional retrofits
Omnidirektionale Retrofits
Retrofits and fixtures
Retrofits


Similar Part No. - GWT3LRF1.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWT3LMF1.EM OSRAM-GWT3LMF1.EM Datasheet
1Mb / 18P
Omnidirectional retrofits
GWT3LPF1.EM OSRAM-GWT3LPF1.EM Datasheet
5Mb / 20P
Omnidirectional retrofits
GWT3LPF1.EM-KTLP-22S5-1 OSRAM-GWT3LPF1.EM-KTLP-22S5-1 Datasheet
5Mb / 20P
Omnidirectional retrofits
GWT3LPF1.EM-KTLP-25S5-1 OSRAM-GWT3LPF1.EM-KTLP-25S5-1 Datasheet
5Mb / 20P
Omnidirectional retrofits
GWT3LPF1.EM-KTLP-27S5-1 OSRAM-GWT3LPF1.EM-KTLP-27S5-1 Datasheet
5Mb / 20P
Omnidirectional retrofits
More results

Similar Description - GWT3LRF1.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP9LR33.CM OSRAM-GWP9LR33.CM Datasheet
1Mb / 24P
Directional retrofits
GWP9LT31.CM OSRAM-GWP9LT31.CM Datasheet
2Mb / 24P
Direktionale Retrofits
GWP9LT31.EM OSRAM-GWP9LT31.EM Datasheet
2Mb / 24P
Directional retrofits
GWT3LMF1.EM OSRAM-GWT3LMF1.EM Datasheet
1Mb / 18P
Omnidirectional retrofits
GWT3LSF1.EM OSRAM-GWT3LSF1.EM Datasheet
1Mb / 18P
Omnidirectional retrofits
GWP7LL31.CM OSRAM-GWP7LL31.CM Datasheet
1Mb / 24P
Omnidirectional retrofits
GWP7LP32.PM OSRAM-GWP7LP32.PM Datasheet
3Mb / 24P
Directional retrofits
GWP9LR32.EM OSRAM-GWP9LR32.EM Datasheet
2Mb / 24P
Directional retrofits
GWP7LL32.EM OSRAM-GWP7LL32.EM Datasheet
1Mb / 24P
Directional retrofits
GWT3LPF1.EM OSRAM-GWT3LPF1.EM Datasheet
5Mb / 20P
Omnidirectional retrofits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com