Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXKF40N60SCD1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXKF40N60SCD1
Description  CoolMOS Power MOSFET with Series Schottky Diode and Ultra Fast Antiparallel Diode in High Voltage ISOPLUS i4-PAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXKF40N60SCD1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXKF40N60SCD1 Datasheet HTML 1Page - IXYS Corporation IXKF40N60SCD1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2002 IXYS All rights reserved
2 - 2
Dimensions in mm (1 mm = 0.0394")
Component
Symbol
Conditions
Maximum Ratings
V
ISOL
I
ISOL ≤ 1 mA; 50/60 Hz
2500
V~
T
VJ
-40...+150
°C
T
stg
-40...+125
°C
F
C
mounting force with clip
20 ... 120
N
Symbol
Conditions
Characteristic Values
min.
typ.
max.
C
p
coupling capacity between shorted pins
and mounting tab in the case
40
pF
d
S, dA
D pin - S pin
7
mm
d
S, dA
pin - backside metal
5.5
mm
Weight
9g
Series Schottky Diode D
S
Symbol
Conditions
Maximum Ratings
I
F25
T
C = 25°C
60
A
I
F90
T
C = 90°C
40
A
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
F
I
F = 20 A; TVJ =
25°C
0.9
V
T
VJ = 125°C
0.7
V
R
thJC
2 K/W
R
thJH
with heat transfer paste
2.9
K/W
Anti Parallel Diode D
F
Symbol
Conditions
Maximum Ratings
I
F25
T
C = 25°C
32
A
I
F90
T
C = 90°C
16
A
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
F
I
F = 20 A; TVJ =
25°C
2.1
2.5
V
T
VJ = 125°C
1.4
V
I
RM
I
F = 30 A; diF/dt = -500 A/µs; TVJ = 125°C
15
A
t
rr
V
R = 600 V; VGE = 0 V
70
ns
R
thJC
1.3 K/W
R
thJH
with heat transfer paste
2.6
K/W
IXKF 40N60SCD1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com