Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33879DWB/R2 Datasheet(PDF) 7 Page - Motorola, Inc

Part # PC33879DWB/R2
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33879DWB/R2 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button PC33879DWB/R2 Datasheet HTML 3Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 4Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 5Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 6Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 7Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 8Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 9Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 10Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33879
7
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions of 3.1 V
≤ VDD ≤ 5.5 V, 5.5 V ≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C, unless otherwise noted.
Typical values, where applicable, reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C
Characteristic
Symbol
Min
Typ
Max
Unit
DIGITAL INTERFACE
Input Logic High-Voltage Thresholds (Note 9)
VIH
0.7 x VDD
–VDD + 0.3
V
Input Logic Low-Voltage Thresholds (Note 9)
VIL
GND - 0.3
–
0.2 x VDD
V
IN5, IN6, EN Input Logic Current
IN5, IN6, EN = 0 V
IIN5, IIN6, IEN
-10
–
10
µA
IN5, IN6 Pull-Down Current
0.8 V to 5.0 V
IIN5, IIN6,
30
45
100
µA
EN Pull-Down Current
EN = 5.0 V
IEN
30
45
100
µA
SCLK, DI Input, Tri-State DO Output
0 V to 5.0 V
ISCK, IDI, ITriDO
-10
–
10
µA
CS
Input Current
CS
= VDD
ICS
-10
–
10
µA
CS
Pull-Up Current
CS
= 0 V
ICS
-30
–
-100
µA
CS
Leakage Current to VDD
CS
= 5.0 V, VDD = 0 V
ICS(LKG)
––
10
µA
DO High-State Output Voltage
IDO-HIGH = -1.6 mA
VDOHIGH
VDD - 0.4
–
VDD
V
DO Low-State Output Voltage
IDO-LOW = 1.6 mA
VDOLOW
––
0.4
V
Input Capacitance on SCLK, DI, Tri-State DO, IN5, IN6, EN (Note 10)
CIN
–
–
20
pF
Notes
9.
Upper and lower logic threshold voltage levels apply to DI, CS, SCLK, IN5, IN6, and EN.
10.
This parameter is guaranteed by design but not production tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com