Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33879DWB/R2 Datasheet(PDF) 10 Page - Motorola, Inc

Part # PC33879DWB/R2
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33879DWB/R2 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button PC33879DWB/R2 Datasheet HTML 6Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 7Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 8Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 9Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 10Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 11Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 12Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 13Page - Motorola, Inc PC33879DWB/R2 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
33879
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
10
Timing Diagrams
Figure 2. SPI Timing Diagram
Figure 3. Valid Data Delay Time and Valid Time Test Circuit
Figure 4. Valid Data Delay Time and Valid Time Waveforms
Figure 5. Enable and Disable Time Waveforms
tDO(dis)
0.7 VDD
0.2 VDD
0.2 VDD
0.7 VDD
0.2 VDD
tlead
tDO(en)
tDI(su)
tDI(hold)
tvalid
tlag
CS
SCLK
DI
DO
MSB in
MSB out
LSB out
0.7 VDD
0.2 VDD
DO
CL = 200 pF
VDD = 5.0 V
SCLK
33879
Under
Test
NOTE: CL represents the total capacitance of the test
fixture and probe.
(Low-to-High)
tf(DI)
tr(DI)
0.2 VDD
0.7 VDD
0.2 VDD
0.7 VDD
tvalid
tr(DO)
VOL
VOH
VOL
VOH
0.2 VDD
0.7 VDD
0 V
3.3/5.0 V
< 50 ns
50%
< 50 ns
DO
SCLK
(High-to-Low)
DO
90%
tf(CS)
tr(CS)
VOH
VOL
0 V
3.3/5.0 V
DO
tDO(dis)
tDO(en)
tDO(dis)
tDO(en)
(Tri-State to Low)
0.7 VDD
0.2 VDD
<50 ns
<50 ns
CS
90%
DO
(Tri-State to High)
10%
10%
90%
10%
VTri-State
VTri-State
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com