Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP9962M Datasheet(PDF) 1 Page - Advanced Power Technology

Part # AP9962M
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

AP9962M Datasheet(HTML) 1 Page - Advanced Power Technology

  AP9962M Datasheet HTML 1Page - Advanced Power Technology AP9962M Datasheet HTML 2Page - Advanced Power Technology AP9962M Datasheet HTML 3Page - Advanced Power Technology AP9962M Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Low On-resistance
BVDSS
40V
▼ Single Drive Requirement
RDS(ON)
25mΩ
▼ Surface Mount Package
ID
7A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
62.5
℃/W
Data and specifications subject to change without notice
Thermal Data
Parameter
Storage Temperature Range
Total Power Dissipation
2
-55 to 150
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.016
Continuous Drain Current
3, V
GS @ 10V
5.5
Pulsed Drain Current
1,2
20
Gate-Source Voltage
Continuous Drain Current
3, V
GS @ 10V
7
Parameter
Rating
Drain-Source Voltage
40
200407031
AP9962M
The Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, ultra low on-resistance and
cost-effectiveness.
±20
S1
G1 S2
G2
D1
D1
D2
D2
SO-8
G2
D2
S2
G1
D1
S1


Similar Part No. - AP9962M

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9962AGD A-POWER-AP9962AGD Datasheet
169Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9962AGD A-POWER-AP9962AGD_14 Datasheet
169Kb / 5P
Single Drive Requirement
AP9962AGH A-POWER-AP9962AGH Datasheet
148Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9962AGH-HF A-POWER-AP9962AGH-HF Datasheet
102Kb / 5P
Fast Switching Characteristic
logo
SHENZHEN DOINGTER SEMIC...
AP9962AGH-HF DOINGTER-AP9962AGH-HF Datasheet
762Kb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - AP9962M

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com