Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFM-70V Datasheet(PDF) 6 Page - CUI INC

Part # CFM-70V
Description  DC AXIAL FAN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-70V Datasheet(HTML) 6 Page - CUI INC

  CFM-70V Datasheet HTML 1Page - CUI INC CFM-70V Datasheet HTML 2Page - CUI INC CFM-70V Datasheet HTML 3Page - CUI INC CFM-70V Datasheet HTML 4Page - CUI INC CFM-70V Datasheet HTML 5Page - CUI INC CFM-70V Datasheet HTML 6Page - CUI INC CFM-70V Datasheet HTML 7Page - CUI INC CFM-70V Datasheet HTML 8Page - CUI INC CFM-70V Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
cui.com
date 07/21/2017
│ page 6 of 9
CUI Inc
│ SERIES: CFM-70V │ DESCRIPTION: DC AXIAL FAN
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor
4 pole DC brushless
bearing system
omniCOOLTM
direction of rotation
counter-clockwise viewed from front of fan blade
dimensions
CFM-7015V models: 70 x 70 x 15
CFM-7020V models: 70 x 70 x 20
mm
mm
material
PBT (UL94V-0)
weight
CFM-7015V models
CFM-7020V, 4000~4600 RPM models
all other models
41
80
60
g
g
g
MECHANICAL DRAWINGS
CFM-7015V
CFM-7020V
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
White1
RD Signal
Yellow1
Tach Signal
MOUNTING SCREW (Pan Head)
Screw Type
Size
Standard
Torque
Machine Screw
M4
JIS B1111-1974 3~4 kgf-cm
Self-tapping Screw
M5
JIS B1122 Type 2 6~8 kgf-cm
units: mm
wire: UL 1007, 26 AWG
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
White1
RD Signal
Yellow1
Tach Signal
Notes:
1. Wires only present on versions with output signals.
wire: UL 1007, 24 AWG
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com