Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFM-70V Datasheet(PDF) 1 Page - CUI INC

Part # CFM-70V
Description  DC AXIAL FAN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-70V Datasheet(HTML) 1 Page - CUI INC

  CFM-70V Datasheet HTML 1Page - CUI INC CFM-70V Datasheet HTML 2Page - CUI INC CFM-70V Datasheet HTML 3Page - CUI INC CFM-70V Datasheet HTML 4Page - CUI INC CFM-70V Datasheet HTML 5Page - CUI INC CFM-70V Datasheet HTML 6Page - CUI INC CFM-70V Datasheet HTML 7Page - CUI INC CFM-70V Datasheet HTML 8Page - CUI INC CFM-70V Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
cui.com
date 07/21/2017
page 1 of 9
SERIES: CFM-70V
│ DESCRIPTION: DC AXIAL FAN
FEATURES
• omniCOOLTM bearing system
• 70 x 70 mm frame
• multiple speed options for different cooling needs
• tachometer signal and rotation detect options available
• auto restart protection standard on all models
MODEL
input
voltage
input
current1
input
power1
rated
speed1
air
flow2
static
pressure3
noise4
rated
(Vdc)
range
(Vdc)
max
(mA)
max
(W)
typ
(RPM±15%)
(CFM)
(inch H
2O)
max
(dBA)
CFM-7015V-123-215
12
6.0~13.8
55
0.66
2300
19.0
0.07
21.5
CFM-7015V-128-265
12
4.5~13.8
86
1.04
2800
23.0
0.09
26.5
CFM-7015V-133-315
12
4.5~13.8
130
1.56
3300
27.0
0.11
31.5
CFM-7020V-126-260
12
4.5~13.8
89
1.07
26005
23.5
0.09
26.0
CFM-7020V-129-300
12
4.5~13.8
114
1.37
29005
27.0
0.12
30.0
CFM-7020V-132-330
12
4.5~13.8
150
1.80
32005
29.0
0.14
33.0
CFM-7020V-140-375
12
6.0~13.8
225
2.70
4000
37.0
0.21
37.5
CFM-7020V-143-400
12
6.0~13.8
265
3.18
4300
40.0
0.24
40.0
CFM-7020V-146-415
12
6.0~12.6
328
3.94
4600
43.0
0.28
41.5
CFM-7020V-226-360
24
8.0~27.6
51
1.23
26005
23.5
0.09
26.0
CFM-7020V-229-300
24
8.0~27.6
64
1.54
29005
27.0
0.12
30.0
CFM-7020V-232-330
24
8.0~27.6
76
1.83
32005
29.0
0.14
33.0
Notes:
1. At rated voltage, 25°C, 0 inch H
20 static pressure, after 10 minutes
2. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 inch H
20 static pressure
3. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 CFM airflow.
4. Measured in a semi-anechoic chamber with background noise < 15 dBA at 1 m from the fan intake.
5. Typical rated speed is measured as RPM±10% at rated voltage.
6. All specifications are measured at 25°C, 65% relative humidity unless otherwise specified.
PART NUMBER KEY
CFM-7015V-123-215 - XX - CXX
Reserved for Custom
Configurations
Base Number
Fan Signals
“blank” = no signals
11 = rotation detector signal
20 = tachometer signal
For more information, please visit the product page.


Similar Part No. - CFM-70V

ManufacturerPart #DatasheetDescription
logo
CUI INC
CFM-70 CUI-CFM-70 Datasheet
714Kb / 5P
DC AXIAL FAN
CFM-7010-13 CUI-CFM-7010-13 Datasheet
714Kb / 5P
DC AXIAL FAN
CFM-7015C-030-295 CUI-CFM-7015C-030-295 Datasheet
1Mb / 8P
DC AXIAL FAN
logo
CUI Devices
CFM-7015C-030-295 CUID-CFM-7015C-030-295 Datasheet
1Mb / 8P
DC AXIAL FAN
08/12/2022
logo
Same Sky Devices
CFM-7015C-030-295 SAMESKY-CFM-7015C-030-295 Datasheet
1Mb / 9P
DC AXIAL FAN
09/12/2024
More results

Similar Description - CFM-70V

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
DC AXIAL FAN
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
DC axial fan
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com