Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT908 Datasheet(PDF) 4 Page - Power Semiconductors

Part # AT908
Description  PHASE CONTROL THYRISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AT908 Datasheet(HTML) 4 Page - Power Semiconductors

  AT908 Datasheet HTML 1Page - Power Semiconductors AT908 Datasheet HTML 2Page - Power Semiconductors AT908 Datasheet HTML 3Page - Power Semiconductors AT908 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AT908 PHASE CONTROL THYRISTOR
FINAL SPECIFICATION
Feb. 17 - Issue: 6
Cathode terminal type DIN 46244 - A 4.8 - 0.8
Gate terminal type AMP 60598 - 1
Distributed by
0
5000
10000
15000
20000
25000
0,6
1,1
1,6
2,1
On-state Voltage [V]
ON-STATE CHARACTERISTIC
Tj = 140 °C
0
1
2
3
4
5
6
7
0,0001
0,01
1
100
t[s]
TRANSIENT THERMAL IMPEDANCE
DOUBLE SIDE COOLED
0
10
20
30
40
50
60
70
80
90
100
1
10
100
n° cycles
SURGE CHARACTERISTIC
Tj = 140 °C
All the characteristics given in this data sheet are guaranteed only with uniform
clamping force, cleaned and lubricated heatsink, surfaces with flatness < .03 mm
and roughness < 2 µm.
In the interest of product improvement POSEICO SpA reserves the right to change
any data given in this data sheet at any time without previous notice.
If not stated otherwise the
maximum value of ratings (simbols over shaded
background) and characteristics is reported.
i
1
2
3
4
Ai [°C/kW]
2,738
1,779
1,186
0,297
τi [s]
2,4
1,70
0,16
0,001
��������ℎ ����−���� ���� =
����=1
����
�������� ∗ 1 − ����
����
��������
°180
°120
°90
°60
°30
Square
0,39
0,71
1,01
1,52
2,54
Sine
0,75
1,06
1,59
2,61
4,04
∆Rth [°K/kW]
Wave
Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com