Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD2S1210CSTZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD2S1210CSTZ
Description  Variable Resolution, 10-Bit to 16-Bit R/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1210CSTZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD2S1210CSTZ Datasheet HTML 20Page - Analog Devices AD2S1210CSTZ Datasheet HTML 21Page - Analog Devices AD2S1210CSTZ Datasheet HTML 22Page - Analog Devices AD2S1210CSTZ Datasheet HTML 23Page - Analog Devices AD2S1210CSTZ Datasheet HTML 24Page - Analog Devices AD2S1210CSTZ Datasheet HTML 25Page - Analog Devices AD2S1210CSTZ Datasheet HTML 26Page - Analog Devices AD2S1210CSTZ Datasheet HTML 27Page - Analog Devices AD2S1210CSTZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
AD2S1210
Rev. A | Page 23 of 36
Address/Data Bit
The MSB of each 8-bit word written to the AD2S1210 indicates
whether the 8-bit word is a register address or data. The MSB
(D7) of each register address defined on the AD2S1210 is high.
The MSB of each data word written to the AD2S1210 is low.
Note that when a data word is written to the AD2S1210, the
MSB is internally reconfigured as a parity bit. When reading
data from any of the read/write registers (see Table 10), the
parity of Bit D6 to Bit D0 is recalculated and compared to the
previously stored parity bit. The MSB of the 8-bit output is used
to indicate whether a configuration error has occurred. If the
MSB is returned high, this indicates that the data read back from
the device does not match the configuration data written to the
device in the previous write cycle.
Phase Lock Range
The phase lock range allows the AD2S1210 to compensate for
phase errors between the excitation frequency and the sine/cosine
inputs. The recommended mode of operation is to use the default
phase lock range of ±44°. If additional phase lock range is
required, a range of 360° can be set. However, in this mode of
operation, the AD2S1210 should be reset following a loss of
signal error. Failure to do so may result in a 180° error in the
angular output data.
Hysteresis
The AD2S1210 includes a hysteresis function, ±1 LSB, between
the output of the position integrator and the input to the position
register. When operating in a noisy environment, this can be used
to prevent flicker on the LSB. On the AD2S1210, the maximum
tracking rate is defined by the bandwidth. Each resolution setting
is internally configured with a different bandwidth, as outlined
in Table 1. The maximum tracking rate and the bandwidth are
inversely proportional to the resolution, that is, the maximum
tracking rate increases as the resolution is decreased. The option
of disabling the hysteresis allows the user to oversample the
position output and to achieve a higher resolution output within
the specified bandwidths through external averaging.
The hysteresis function can be enabled or disabled through
setting Bit D4 in the control register. Hysteresis is enabled by
default on power-up.
Set Encoder Resolution
The resolution of the encoder outputs of the AD2S1210 can be
set to the same resolution as the digital output or it can also be
set to a lower resolution. For example, when the resolution of
the AD2S1210 position outputs is set to 16 bits, the resolution
of the encoder outputs may be set to 14, 12, or 10 bits. This
allows the user to take advantage of the lower bandwidth and
improved performance of the 16-bit resolution setting without
requiring external divide down of the A-quad-B encoder outputs.
The default resolution of the encoder outputs on power-up is 16
bits. Refer to the Incremental Encoder Outputs section.
Table 23. Encoder Resolution Settings
EnRES0
EnRES1
Resolution (Bits)
0
0
10
0
1
12
1
0
14
1
1
16
Set Resolution
In normal mode, the resolution of the digital output is selected
using the RES0 and RES1 input pins (see Table 9). In configuration
mode, the resolution is selected by setting the RES0 and RES1
bits in the control register. When switching between normal mode
and configuration mode, it is the responsibility of the user to
ensure that the resolution set in the control register matches the
resolution set by the RES0 and RES1 input pins. The default resolu-
tion of the digital output on power-up is 12 bits.
SOFTWARE RESET REGISTER
Table 24. 8-Bit Register
Address
Bit
Read/Write
0xF0
D7 to D0
Write only
Addressing the software reset register, that is writing the 8-bit
address, 0xF0, of the software reset register to the AD2S1210
while in configuration mode, allows the user to initiate a soft-
ware reset of the AD2S1210. The software reset reinitializes the
excitation frequency outputs and the internal Type II tracking loop.
The data stored in the configuration registers is not overwritten
by a software reset. However, it should be noted that the data in
the fault register is reset. In an application that uses two or more
resolver-to-digital converters, which are both driven from the same
clock source, the software reset can be used to synchronize the
phase of the excitation frequencies across the converters.
FAULT REGISTER
Table 25. 8-Bit Register
Address
Bit
Read/Write
0xFF
D7 to D0
Read only
The AD2S1210 has the ability to detect eight separate fault condi-
tions. When a fault occurs, the DOS and/or the LOT output
pins are taken low. By reading the fault register, the user can
determine the cause of the triggering of the fault detection output
pins. Note that the fault register bits are active high, that is, the
fault bits are taken high to indicate that a fault has occurred.
Table 26. Fault Register Bit Descriptions
Bit
Description
D7
Sine/cosine inputs clipped
D6
Sine/cosine inputs below LOS threshold
D5
Sine/cosine inputs exceed DOS overrange threshold
D4
Sine/cosine inputs exceed DOS mismatch threshold
D3
Tracking error exceeds LOT threshold
D2
Velocity exceeds maximum tracking rate
D1
Phase error exceeds phase lock range
D0
Configuration parity error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com