Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2707 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2707
Description  Inductive-Boost Series LED Driver with Programmable Oscillator Frequency
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2707 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2707 Datasheet HTML 2Page - National Semiconductor (TI) LM2707 Datasheet HTML 3Page - National Semiconductor (TI) LM2707 Datasheet HTML 4Page - National Semiconductor (TI) LM2707 Datasheet HTML 5Page - National Semiconductor (TI) LM2707 Datasheet HTML 6Page - National Semiconductor (TI) LM2707 Datasheet HTML 7Page - National Semiconductor (TI) LM2707 Datasheet HTML 8Page - National Semiconductor (TI) LM2707 Datasheet HTML 9Page - National Semiconductor (TI) LM2707 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Typical Performance Characteristics Unless otherwise specified: V
IN = 3.0V, VEN = 3.0V, L = 22µH
(Coilcraft DT1608C-223), D = MBR0520L (Vishay), C
IN = 1.0µF, COUT = 2x1µF, Cx = 68pF, TA =25
oC. (Continued)
Feedback Trip Point vs. Supply Voltage
Feedback Trip Point vs. Temperature
20099213
20099212
Switch Resistance (R
DS-ON) vs. Switch Current
Inductor Current Limit vs. Supply Voltage
20099203
20099214
Pin 1-2 Resistance vs. Temperature
V
OVP Thresholds vs. Temperature
20099210
20099211
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com