Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2707 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2707
Description  Inductive-Boost Series LED Driver with Programmable Oscillator Frequency
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2707 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2707 Datasheet HTML 6Page - National Semiconductor (TI) LM2707 Datasheet HTML 7Page - National Semiconductor (TI) LM2707 Datasheet HTML 8Page - National Semiconductor (TI) LM2707 Datasheet HTML 9Page - National Semiconductor (TI) LM2707 Datasheet HTML 10Page - National Semiconductor (TI) LM2707 Datasheet HTML 11Page - National Semiconductor (TI) LM2707 Datasheet HTML 12Page - National Semiconductor (TI) LM2707 Datasheet HTML 13Page - National Semiconductor (TI) LM2707 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Simplified Switching Circuit
Product Description
OVERVIEW
The LM2707 is a magnetic switch-mode boost converter that
has been designed specifically for driving white LEDs. The
device is an asynchronous boost regulator that uses a low-
resistance internal NFET power transistor and an external
rectifier diode. An internal high-power gate driver quickly
turns the power switch ON and OFF.
Operation of the LM2707 can be best understood by refer-
ring to the block diagram of Figure 1, the simplified switching
circuit in Figure 2, and the switching waveforms in Figure 3.
The part regulates the feedback voltage with pulse-
frequency-modulated (PFM) control. The key blocks in this
control circuit are the R-S latch, the oscillator, and the feed-
back error amplifier. Several sense-and-control circuit
blocks, including the oscillator and the error amplifier, are
inputs to the R-S latch. The output of the R-S latch is the
control signal for the power transistor gate driver. The power
transistor turns ON and OFF at a frequency and duty cycle
that is generated by the oscillator. The oscillator frequency
can be programmed with an external capacitor (C
X). The
part switches continuously until one of the LM2707 sense
circuits asserts a reset signal on the R-S latch.
The error amplifier resets the R-S latch when the output
feedback voltage is above the 515mV (typ.) reference volt-
age. The part will idle in a low-power state until the feedback
voltage falls below the reference voltage. At this point, the
oscillator signal again becomes the output signal of the R-S
latch, and switching resumes.
In addition to the feedback circuit, a few other internal pro-
tection and control circuits stop switching by overriding the
oscillator signal at the R-S latch. A current limit circuit brings
switching to a halt when current through the power switch
becomes excessive. Similar interrupts in switching are trig-
gered by an over-voltage protection circuit on the output and
an under-voltage lockout circuit on the input. An external
shutdown signal can also be applied to place the LM2707 in
a low-power shutdown mode.
PROGRAMMABLE OSCILLATOR
The LM2707 contains an oscillator with an internally fixed
duty cycle. The frequency of the oscillator is programmed
externally with capacitor C
X. The oscillator frequency is:
20099228
FIGURE 2. LM2707 Simplified Switching Circuit
20099229
FIGURE 3. C
X Oscillator Waveform and Power Switch
Operation
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com