Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021B-CI Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT45DB021B-CI
Description  2-megabit 2.7-volt Only DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021B-CI Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT45DB021B-CI Datasheet HTML 10Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 11Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 12Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 13Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 14Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 15Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 16Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 17Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
14
AT45DB021B
1937F–DFLSH–10/02
Input Test Waveforms
and Measurement
Levels
tR,tF < 3 ns (10% to 90%)
Output Test Load
AC Waveforms
Two different timing diagrams are shown below. Waveform 1 shows the SCK signal
being low when CS makes a high-to-low transition, and Waveform 2 shows the SCK sig-
nal being high when CS makes a high-to-low transition. Both waveforms show valid
timing diagrams. The setup and hold times for the SI signal are referenced to the low-to-
high transition on the SCK signal.
Waveform 1 shows timing that is also compatible with SPI Mode 0, and Waveform 2
shows timing that is compatible with SPI Mode 3.
Waveform 1 – Inactive
Clock Polarity Low and
SPI Mode 0
Waveform 2 – Inactive
ClockPolarityHighand
SPI Mode 3
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.45V
2.0
0.8
2.4V
DEVICE
UNDER
TEST
30 pF
CS
SCK
SI
SO
tCSS
VALID IN
tH
tSU
tWH
tWL
tCSH
tCS
tV
HIGH IMPEDANCE
VALID OUT
tHO
tDIS
HIGH IMPEDANCE
CS
SCK
SI
SO
tCSS
VALID IN
tH
tSU
tWL
tWH
tCSH
tCS
tV
HIGH Z
VALID OUT
tHO
tDIS
HIGH IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com