Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021B-CI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT45DB021B-CI
Description  2-megabit 2.7-volt Only DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021B-CI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT45DB021B-CI Datasheet HTML 1Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 2Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 3Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 4Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 5Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 6Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 7Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 8Page - ATMEL Corporation AT45DB021B-CI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
AT45DB021B
1937F–DFLSH–10/02
EEPROM emulation (bit or byte alterability) is easily handled with a self-contained three
step Read-Modify-Write operation. Unlike conventional Flash memories that are
accessed randomly with multiple address lines and a parallel interface, the DataFlash
uses a SPI serial interface to sequentially access its data. DataFlash supports SPI mode
0 and mode 3. The simple serial interface facilitates hardware layout, increases system
reliability, minimizes switching noise, and reduces package size and active pin count.
The device is optimized for use in many commercial and industrial applications where
high density, low pin count, low voltage, and low power are essential. The device oper-
ates at clock frequencies up to 20 MHz with a typical active read current consumption of
4mA.
To allow for simple in-system reprogrammability, the AT45DB021B does not require
high input voltages for programming. The device operates from a single power supply,
2.7V to 3.6V, for both the program and read operations. The AT45DB021B is enabled
through the chip select pin (CS) and accessed via a three-wire interface consisting of
the Serial Input (SI), Serial Output (SO), and the Serial Clock (SCK).
All programming cycles are self-timed, and no separate erase cycle is required before
programming.
When the device is shipped from Atmel, the most significant page of the memory array
may not be erased. In other words, the contents of the last page may not be filled with
FFH.
Block Diagram
Memory Array
To provide optimal flexibility, the memory array of the AT45DB021B is divided into three
levels of granularity comprised of sectors, blocks and pages. The Memory Architecture
Diagram illustrates the breakdown of each level and details the number of pages per
sector and block. All program operations to the DataFlash occur on a page-by-page
basis; however, the optional erase operations can be performed at the block or page
level.
FLASH MEMORY ARRAY
PAGE (264 BYTES)
BUFFER 2 (264 BYTES)
BUFFER 1 (264 BYTES)
I/O INTERFACE
SCK
CS
RESET
VCC
GND
RDY/BUSY
WP
SO
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com