Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3071EMN Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP3071EMN
Description  15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3071EMN Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP3071EMN Datasheet HTML 4Page - Sipex Corporation SP3071EMN Datasheet HTML 5Page - Sipex Corporation SP3071EMN Datasheet HTML 6Page - Sipex Corporation SP3071EMN Datasheet HTML 7Page - Sipex Corporation SP3071EMN Datasheet HTML 8Page - Sipex Corporation SP3071EMN Datasheet HTML 9Page - Sipex Corporation SP3071EMN Datasheet HTML 10Page - Sipex Corporation SP3071EMN Datasheet HTML 11Page - Sipex Corporation SP3071EMN Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Date: 03/28/05
SP3070E - SP3078E Family, ±15kV ESD-Protected, Failsafe RS-485/RS422 Transceivers
© Copyright 2005 Sipex Corporation
8
Y
Z
D
DI
RL
54
Ω
CL
50pF
3.3V
VOD
FIGURE 3. DRIVER PROPAGATION DELAY TIME TEST CIRCUIT AND TIMING
DIAGRAM
FIGURE 1. DRIVER DC TEST CIRCUIT
FIGURE 2. RECEIVER DC TEST CIRCUIT
tPHL
tPLH
Z
Y
10%
90%
10%
90%
VSKEW = tPLH - tPHL
VDIFF = V(Y) - V(Z)
VO
VCC
VCC/2
0
DI
VDIFF
-VO
1/2 VO
tR
tF
VO
1/2 VO
OUT
R
A
B
VID
RE
R/2
R/2
VOC
D
VCC
VOD
DI
0 or 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com