Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3071EMN Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP3071EMN
Description  15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3071EMN Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP3071EMN Datasheet HTML 11Page - Sipex Corporation SP3071EMN Datasheet HTML 12Page - Sipex Corporation SP3071EMN Datasheet HTML 13Page - Sipex Corporation SP3071EMN Datasheet HTML 14Page - Sipex Corporation SP3071EMN Datasheet HTML 15Page - Sipex Corporation SP3071EMN Datasheet HTML 16Page - Sipex Corporation SP3071EMN Datasheet HTML 17Page - Sipex Corporation SP3071EMN Datasheet HTML 18Page - Sipex Corporation SP3071EMN Datasheet HTML 19Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
19
Date: 03/28/05
SP3070E - SP3078E Family, ±15kV ESD-Protected, Failsafe RS-485/RS422 Transceivers
© Copyright 2005 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Model
Temperature Range
Package
SP3070EEN .................................................... -40˚C to +85˚C ..................................................... 14-pin NSOIC
SP3070EEN/TR .............................................. -40˚C to +85˚C ..................................................... 14-pin NSOIC
SP3070EMN .................................................. -40˚C to +125˚C .................................................... 14-pin NSOIC
SP3070EMN/TR ............................................ -40˚C to +125˚C .................................................... 14-pin NSOIC
SP3071EEN .................................................... -40˚C to +85˚C ....................................................... 8-pin NSOIC
SP3071EEN/TR .............................................. -40˚C to +85˚C ....................................................... 8-pin NSOIC
SP3071EMN .................................................. -40˚C to +125˚C ...................................................... 8-pin NSOIC
SP3071EMN/TR ............................................ -40˚C to +125˚C ...................................................... 8-pin NSOIC
SP3072EEN .................................................... -40˚C to +85˚C ....................................................... 8-pin NSOIC
SP3072EEN/TR .............................................. -40˚C to +85˚C ....................................................... 8-pin NSOIC
SP3072EMN .................................................. -40˚C to +125˚C ...................................................... 8-pin NSOIC
SP3072EMN/TR ............................................ -40˚C to +125˚C ...................................................... 8-pin NSOIC
SP3073EEN .................................................... -40˚C to +85˚C ..................................................... 14-pin NSOIC
SP3073EEN/TR .............................................. -40˚C to +85˚C ..................................................... 14-pin NSOIC
SP3073EMN .................................................. -40˚C to +125˚C .................................................... 14-pin NSOIC
SP3073EMN/TR ............................................ -40˚C to +125˚C .................................................... 14-pin NSOIC
SP3074EEN .................................................... -40˚C to +85˚C ....................................................... 8-pin NSOIC
SP3074EEN/TR .............................................. -40˚C to +85˚C ....................................................... 8-pin NSOIC
SP3074EMN .................................................. -40˚C to +125˚C ...................................................... 8-pin NSOIC
SP3074EMN/TR ............................................ -40˚C to +125˚C ...................................................... 8-pin NSOIC
SP3075EEN .................................................... -40˚C to +85˚C ....................................................... 8-pin NSOIC
SP3075EEN/TR .............................................. -40˚C to +85˚C ....................................................... 8-pin NSOIC
SP3075EMN .................................................. -40˚C to +125˚C ...................................................... 8-pin NSOIC
SP3075EMN/TR ............................................ -40˚C to +125˚C ...................................................... 8-pin NSOIC
SP3076EEN .................................................... -40˚C to +85˚C ..................................................... 14-pin NSOIC
SP3076EEN/TR .............................................. -40˚C to +85˚C ..................................................... 14-pin NSOIC
SP3076EMN .................................................. -40˚C to +125˚C .................................................... 14-pin NSOIC
SP3076EMN/TR ............................................ -40˚C to +125˚C .................................................... 14-pin NSOIC
SP3077EEN .................................................... -40˚C to +85˚C ....................................................... 8-pin NSOIC
SP3077EEN/TR .............................................. -40˚C to +85˚C ....................................................... 8-pin NSOIC
SP3077EMN .................................................. -40˚C to +125˚C ...................................................... 8-pin NSOIC
SP3077EMN/TR ............................................ -40˚C to +125˚C ...................................................... 8-pin NSOIC
SP3078EEN .................................................... -40˚C to +85˚C ....................................................... 8-pin NSOIC
SP3078EEN/TR .............................................. -40˚C to +85˚C ....................................................... 8-pin NSOIC
SP3078EMN .................................................. -40˚C to +125˚C ...................................................... 8-pin NSOIC
SP3078EMN/TR ............................................ -40˚C to +125˚C ...................................................... 8-pin NSOIC
ORDERING INFORMATION
For availability of PDIP or other packaging contact factory.
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SP3074EEN/TR = standard; SP3074EEN-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 2,500 for NSOIC.
CLICK HERE TO ORDER SAMPLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com