Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LYT64F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LYT64F
Description  Information Displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYT64F Datasheet(HTML) 1 Page - OSRAM GmbH

  LYT64F Datasheet HTML 1Page - OSRAM GmbH LYT64F Datasheet HTML 2Page - OSRAM GmbH LYT64F Datasheet HTML 3Page - OSRAM GmbH LYT64F Datasheet HTML 4Page - OSRAM GmbH LYT64F Datasheet HTML 5Page - OSRAM GmbH LYT64F Datasheet HTML 6Page - OSRAM GmbH LYT64F Datasheet HTML 7Page - OSRAM GmbH LYT64F Datasheet HTML 8Page - OSRAM GmbH LYT64F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2016-11-03
1
2016-11-03
TOPLED Black
Datasheet
Version 2.4 (OS-PCN-2016-025-A)
LY T64F
TOPLED Black is especially designed for variable
message signs (VMS) and price changers. The black
package offers premium contrast for display panels.
TOPLED Black ist speziell für den Einsatz in
elektronischen Textanzeigen (VMS) und
Preisanzeigen entwickelt worden. Das schwarze
Gehäuse bietet exzellenten Kontrast für den Einsatz in
Displays.
Features:
Besondere Merkmale:
Package: black PLCC-2 package, colorless resin
Gehäusetyp: schwarzes PLCC-2 Gehäuse,
farbloser Verguss
Technology: InGaAlP Thinfilm
Technologie: InGaAlP Thinfilm
Viewing angle at 50 % I
V: 30°
Abstrahlwinkel bei 50 % I
V: 30°
Color: yellow (590 nm)
Farbe: gelb (590 nm)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Information Displays
Informationsanzeigen
Signaling
Signalanlagen
Signal and Symbol Luminary
Signal- und Symbolleuchten
Variable Message Signs (VMS)
Wechselanzeigen (VMS)


Similar Part No. - LYT64F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYT64F-BBDA-35-1 OSRAM-LYT64F-BBDA-35-1 Datasheet
2Mb / 16P
TOPLED Black Series Black package with lens, enhanced Thinfilm LED
LYT64F-CADB-46-1 OSRAM-LYT64F-CADB-46-1 Datasheet
2Mb / 16P
TOPLED Black Series Black package with lens, enhanced Thinfilm LED
More results

Similar Description - LYT64F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOM67K OSRAM-LOM67K Datasheet
501Kb / 20P
Information Displays
LOT64F OSRAM-LOT64F Datasheet
2Mb / 24P
Information Displays
LPM67K OSRAM-LPM67K Datasheet
501Kb / 20P
Information Displays
LRT66F OSRAM-LRT66F Datasheet
2Mb / 23P
Information Displays
LRT68F OSRAM-LRT68F Datasheet
545Kb / 22P
Information Displays
LYM67K OSRAM-LYM67K Datasheet
503Kb / 20P
Information Displays
LYQ396 OSRAM-LYQ396 Datasheet
1Mb / 20P
Information Displays
LYT66F OSRAM-LYT66F Datasheet
706Kb / 23P
Information Displays
LYT68F OSRAM-LYT68F Datasheet
549Kb / 22P
Information Displays
LBT66G OSRAM-LBT66G Datasheet
2Mb / 23P
Information Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com