Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LYT64F Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LYT64F
Description  Information Displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYT64F Datasheet(HTML) 5 Page - OSRAM GmbH

  LYT64F Datasheet HTML 1Page - OSRAM GmbH LYT64F Datasheet HTML 2Page - OSRAM GmbH LYT64F Datasheet HTML 3Page - OSRAM GmbH LYT64F Datasheet HTML 4Page - OSRAM GmbH LYT64F Datasheet HTML 5Page - OSRAM GmbH LYT64F Datasheet HTML 6Page - OSRAM GmbH LYT64F Datasheet HTML 7Page - OSRAM GmbH LYT64F Datasheet HTML 8Page - OSRAM GmbH LYT64F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Version 2.4 (OS-PCN-2016-025-A)
LY T64F
2016-11-03
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 4) page 23
Durchlassspannungsgruppen 4) Seite 23
Dominant Wavelength Groups
3) page 23
Dominant Wellenlängengruppen 3) Seite 23
Group
Partial Flux 1) page 23
Partial Flux 1) page 23
Luminous Intensity
6) page 23
Gruppe
Partieller Lichtfluss
1) Seite 23
Partieller Lichtfluss
1) Seite 23
Lichtstärke 6) Seite 23
(min.) Ev [lux]
(max.) Ev [lux]
(typ.) IV [mcd]
BB
2240
2800
2060
CA
2800
3550
2600
CB
3550
4500
3300
DA
4500
5600
4140
DB
5600
7100
5200
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
3A
1.80
1.95
3B
1.95
2.10
4A
2.10
2.25
4B
2.25
2.40
Group
yellow
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
3
583
586
4
586
589
5
589
592
6
592
595
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com