Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4680SD Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4680SD
Description  10W High-Efficiency Mono BTL Audio Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4680SD Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4680SD Datasheet HTML 1Page - National Semiconductor (TI) LM4680SD Datasheet HTML 2Page - National Semiconductor (TI) LM4680SD Datasheet HTML 3Page - National Semiconductor (TI) LM4680SD Datasheet HTML 4Page - National Semiconductor (TI) LM4680SD Datasheet HTML 5Page - National Semiconductor (TI) LM4680SD Datasheet HTML 6Page - National Semiconductor (TI) LM4680SD Datasheet HTML 7Page - National Semiconductor (TI) LM4680SD Datasheet HTML 8Page - National Semiconductor (TI) LM4680SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Output Power
R
L =8
Ω,V
DD = 12V, f = 1kHz
THD+N vs Output Power
R
L =8
Ω,V
DD = 14V, f = 1kHz
20095810
20095811
Amplifier Output Power
vs Power Supply Voltage
R
L =8
Ω, f = 1kHz
Amplifier Output Magnitude
vs Frequency
R
L =8
Ω,V
DD = 12V
20095812
20095813
Power Rejection Ratio vs Frequency
V
DD = 9V, RL =8
Ω, Input Referred
Power Rejection Ratio vs Frequency
V
DD = 12V, RL =8
Ω, Input Referred
20095825
20095826
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com