Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4680SD Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4680SD
Description  10W High-Efficiency Mono BTL Audio Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4680SD Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4680SD Datasheet HTML 3Page - National Semiconductor (TI) LM4680SD Datasheet HTML 4Page - National Semiconductor (TI) LM4680SD Datasheet HTML 5Page - National Semiconductor (TI) LM4680SD Datasheet HTML 6Page - National Semiconductor (TI) LM4680SD Datasheet HTML 7Page - National Semiconductor (TI) LM4680SD Datasheet HTML 8Page - National Semiconductor (TI) LM4680SD Datasheet HTML 9Page - National Semiconductor (TI) LM4680SD Datasheet HTML 10Page - National Semiconductor (TI) LM4680SD Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Application Hints (Continued)
OUTPUT STAGE FILTERING
The LM4680 requires a low pass filter connected between
the amplifier’s bridge output and the load. Figure 1 shows
the recommended LC filter. A minimum value of 27µH is
recommended. As shown in Figure 1, using the values of the
components connected between the amplifier BTL outputs
and the load achieves a 2nd-order lowpass filter response
with a -3dB cutoff frequency of 25kHz.
THD+N MEASUREMENTS AND OUT OF AUDIO BAND
NOISE
THD+N (Total Harmonic Distortion plus Noise) is a very
important parameter by which all audio amplifiers are mea-
sured. Often it is shown as a graph where either the output
power or frequency is changed over the operating range. A
very important variable in the measurement of THD+N is the
bandwidth-limiting filter at the input of the test equipment.
Class D amplifiers, by design, switch their output power
devices at a much higher frequency than the accepted audio
range (20Hz - 20kHz). Alternately switching the output volt-
age between V
DD and GND allows the LM4680 to operate at
much higher efficiency than that achieved by traditional
Class AB amplifiers. Switching the outputs at high frequency
also increases the out-of-band noise. Under normal circum-
stances the output lowpass filter significantly reduces this
out-of-band noise. If the low pass filter is not optimized for a
given switching frequency, there can be significant increase
in out-of-band noise. THD+N measurements can be signifi-
cantly affected by out-of-band noise, resulting in a higher
than expected THD+N measurement. To achieve a more
accurate measurement of THD, the test equipment’s input
bandwidth of the must be limited. Some common upper filter
points are 22kHz, 30kHz, and 80kHz. The input filter limits
the noise component of the THD+N measurement to a
smaller bandwidth resulting in a more real-world THD+N
value.
Recommended Printed Circuit
Board Layout
Figures 2 through 4 show the recommended two-layer PC
board layout that is optimized for the 14-pin SD-packaged
LM4680 and associated external components. This circuit is
designed for use with an external 12V supply and 8W speak-
ers (or load resistors). This circuit board is easy to use. Apply
12V and ground to the board’s V
DD and GND terminals,
respectively. Connect speakers (or load resistors) between
the board’s -OUT and +OUT terminals. Apply the input signal
to the input pin labeled -IN.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com