Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JCS13N50C Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS13N50C
Description  N- CHANNEL MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS13N50C Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS13N50C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS13N50C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS13N50C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS13N50C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS13N50C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS13N50C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS13N50C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS13N50C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS13N50C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
R
JCS13N50C
版本:201511F
2/11
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃)
*漏极电流由最高结温限制
*Drain current limited by maximum junction temperature
Value
Parameter
Symbol
JCS13N50CC
JCS13N50FC
Unit
最高漏极-源极直流电压
Drain-Source Voltage
VDSS
500
V
13.0
13.0*
A
连续漏极电流
Drain Current -Continuous
ID
T=25℃
T=100℃
8
8*
A
最大脉冲漏极电流(注
1)
Drain Current -Pulse (note
1)
IDM
52
52*
A
最高栅源电压
Gate-Source Voltage
VGSS
±30
V
单脉冲雪崩能量(注
2)
Single Pulsed Avalanche
Energy(note 2)
EAS
840
mJ
雪崩电流(注
1)
Avalanche Current (note 1)
IAR
13.0
A
重复雪崩能量(注
1)
Repetitive
Avalanche
Energy
note 1)
EAR
4.8
mJ
二极管反向恢复最大电压变化
速率(注
3)
Peak Diode Recovery dv/dt
note 3)
dv/dt
4.5
V/ns
190
49
W
耗散功率
Power Dissipation
PD
TC=25℃
-Derate above
25℃
1.57
0.39
W/℃
最高结温及存储温度
Operating and Storage
Temperature Range
TJ,TSTG
-55~+150
引线最高焊接温度
Maximum Lead Temperature
for Soldering Purposes
TL
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com