Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V850E/ME2 Datasheet(PDF) 79 Page - NEC

Part # V850E/ME2
Description  32-Bit Microprocessor Core
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

V850E/ME2 Datasheet(HTML) 79 Page - NEC

Back Button V850E/ME2 Datasheet HTML 75Page - NEC V850E/ME2 Datasheet HTML 76Page - NEC V850E/ME2 Datasheet HTML 77Page - NEC V850E/ME2 Datasheet HTML 78Page - NEC V850E/ME2 Datasheet HTML 79Page - NEC V850E/ME2 Datasheet HTML 80Page - NEC V850E/ME2 Datasheet HTML 81Page - NEC V850E/ME2 Datasheet HTML 82Page - NEC V850E/ME2 Datasheet HTML 83Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 226 page
background image
CHAPTER 5 INSTRUCTIONS
User’s Manual U14559EJ3V1UM
79
<Branch instruction>
Jump and register link
JARL
Jump and Register Link
Instruction format
JARL disp22, reg2
Operation
GR [reg2]
← PC + 4
PC
← PC + sign-extend (disp22)
Format
Format V
Opcode
15
0
31
16
rrrrr11110dddddd
ddddddddddddddd0
ddddddddddddddddddddd is the higher 21 bits of disp22.
Flag
CY
–
OV
–
S
–
Z
–
SAT
–
Explanation
Saves the current PC value plus 4 to general-purpose register reg2, adds the current PC value
and 22-bit displacement, sign-extended to word length, and transfers control to the PC. Bit 0 of
the 22-bit displacement is masked by 0.
Remark
The current PC value used for calculation is the address of the first byte of this instruction. If
the displacement value is 0, the branch destination is this instruction itself.
This instruction is equivalent to a call subroutine instruction, and saves the restored PC address
to general-purpose register reg2. The JMP instruction, which is equivalent to a subroutine-
return instruction, can be used to specify the general-purpose register containing the return
address saved during the JARL subroutine-call instruction as reg1, to restore the program
counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com