Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V850E/ME2 Datasheet(PDF) 82 Page - NEC

Part # V850E/ME2
Description  32-Bit Microprocessor Core
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

V850E/ME2 Datasheet(HTML) 82 Page - NEC

Back Button V850E/ME2 Datasheet HTML 78Page - NEC V850E/ME2 Datasheet HTML 79Page - NEC V850E/ME2 Datasheet HTML 80Page - NEC V850E/ME2 Datasheet HTML 81Page - NEC V850E/ME2 Datasheet HTML 82Page - NEC V850E/ME2 Datasheet HTML 83Page - NEC V850E/ME2 Datasheet HTML 84Page - NEC V850E/ME2 Datasheet HTML 85Page - NEC V850E/ME2 Datasheet HTML 86Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 226 page
background image
CHAPTER 5 INSTRUCTIONS
User’s Manual U14559EJ3V1UM
82
<Load instruction>
Load byte
LD.B
Load
Instruction format
LD.B disp16 [reg1], reg2
Operation
adr
← GR [reg1] + sign-extend (disp16)
GR [reg2]
← sign-extend (Load-memory (adr, Byte))
Format
Format VII
Opcode
15
0
31
16
rrrrr111000RRRRR
dddddddddddddddd
Flag
CY
–
OV
–
S
–
Z
–
SAT
–
Explanation
Adds the data of general-purpose register reg1 to a 16-bit displacement sign-extended to word
length to generate a 32-bit address.
Byte data is read from the generated address, sign-
extended to word length, and stored in general-purpose register reg2.
Remark
If an interrupt occurs during instruction execution, execution is aborted, and the interrupt is
serviced. Upon returning from the interrupt, the execution is restarted from the beginning, with
the return address being the address of this instruction.
[For type D, E, and F products]
Depending on the resource to be accessed (internal ROM, internal RAM, on-chip peripheral
I/O, external memory), the bus cycle may be switched (this will not occur if the same resource
is accessed).
[For type A, B, and C products]
The bus cycle sequence for accessing the different resources connected to each bus (VFB,
VDB, VSB, NPB, instruction cache bus, data cache bus) may be switched (this will not occur if
the same bus is accessed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com