Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE315-48 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE315-48
Description  RF Cable Assemblies Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE315-48 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE315-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE315-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE315-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE315-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE315-48 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
10
18
26.5
GHz
Insertion Loss (Max.)
0.32
1.16
1.6
2
dB
Return Loss (Max.)
-30
-25
-20
-18
dB
Power Handling (Max.)
286
Watts
.
Electrical Specification Notes:
Shielding effectiveness > 100 dB at 1 GHz.
Insertion loss does not include the loss of the connectors.
Insertion loss is estimated as 0.05 x sqrt(fGHz) dB per connector.
Mechanical Specifications
Cable Assembly
Length*
48 in [121.92 cm]
Diameter
0.47 in [11.94 mm]
.
Weight
0.789 lbs [357.88 g]
Cable
Cable Type
VNA Cable
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
2
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Silver Plated Copper Braid
Jacket Material
FEP
.
Repeated Minimum Bend Radius
1.38 in [35.05 mm]
Typical Flex Cycles
10,000
PE315-48 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Male to 3.5mm Male Test Cable 48 Inch Length Using VNA Test Cable Coax, LF Sol-
der, RoHS PE315-48
RF Cable Assemblies Technical Data Sheet
PE315-48
3.5mm Male to 3.5mm Male Test Cable 48 Inch Length
Using VNA Test Cable Coax, LF Solder, RoHS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com