Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE315-48 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE315-48
Description  RF Cable Assemblies Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE315-48 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE315-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE315-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE315-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE315-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE315-48 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: 3.5mm Male
• Connector 2: 3.5mm Male
• Cable Type: VNA Cable
Features
• Max Frequency 26.5 GHz
• 77% Phase Velocity
• Double Shielded
• FEP Jacket
Applications
• General Purpose
• Test & Measurement
• Laboratory Use
.
Description
Pasternack’s PE315-48 3.5mm male to 3.5mm male test 48 inch cable using VNA test cable coax is part of our full line of RF
components available for same-day shipping. Pasternack’s flexible RF cable assemblies are ideal for applications where tight
bends and flexure are required. This Pasternack 3.5mm to 3.5mm cable assembly has a male to male gender configuration
with 50 ohm flexible VNA cable coax. The PE315-48 3.5mm male to 3.5mm male cable assembly operates to 26.5 GHz. The
double shielding of this Pasternack cable assembly provides excellent shielding effectiveness.
Custom versions of most RF cable assemblies can be built and shipped same day. Custom cable assembly lengths can be
obtained by specifying the desired length on the web site at time of order or by contacting a sales representative. Other avail-
able RF cable assembly value added services include connector orientation or clocking, heat shrink booting and custom label-
ing. RF testing can also be performed to document the electrical performance of your cable assembly.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
26.5
GHz
Return Loss
-18
dB
Velocity of Propagation
77
%
Dielectric Withstanding Voltage (AC)
1,000
Vrms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Male to 3.5mm Male Test Cable 48 Inch Length Using VNA Test Cable Coax, LF Sol-
der, RoHS PE315-48
PE315-48 REV 1.2
3.5mm Male to 3.5mm Male Test Cable 48 Inch Length
Using VNA Test Cable Coax, LF Solder, RoHS
RF Cable Assemblies Technical Data Sheet
PE315-48


Similar Part No. - PE315-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE315-24 PASTERNACK-PE315-24 Datasheet
401Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE315-36 PASTERNACK-PE315-36 Datasheet
242Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 36 Inch Length Using VNA Cable Coax, RoHS
PE315-60 PASTERNACK-PE315-60 Datasheet
399Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE315-72 PASTERNACK-PE315-72 Datasheet
242Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
More results

Similar Description - PE315-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3W03154-12 PASTERNACK-PE3W03154-12 Datasheet
434Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3C4447-72 PASTERNACK-PE3C4447-72 Datasheet
485Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-6 PASTERNACK-PE3C4448-6 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-72 PASTERNACK-PE3C4448-72 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4451-72 PASTERNACK-PE3C4451-72 Datasheet
504Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4452-6 PASTERNACK-PE3C4452-6 Datasheet
506Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4453-60 PASTERNACK-PE3C4453-60 Datasheet
499Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-6 PASTERNACK-PE3C4454-6 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-24 PASTERNACK-PE3C4454-24 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4455-24 PASTERNACK-PE3C4455-24 Datasheet
449Kb / 4P
RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com