Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3962ESX-3.3 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3962ESX-3.3
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3962ESX-3.3 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP3962ESX-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP3962ESX-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP3962ESX-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP3962ESX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP3962ESX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP3962ESX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LP3962ESX-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LP3962ESX-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LP3962ESX-3.3 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical Characteristics
LP3962/LP3965 (Continued)
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: V
IN =VO(NOM) + 1V, IL = 10 mA, COUT = 33µF, VSD =VIN-0.3V.
Symbol
Parameter
Conditions
Typ
(Note 4)
LP3962/5 (Note 5)
Units
Min
Max
T
dOFF
Turn-off delay
I
L = 1.5 A
20
µs
T
dON
Turn-on delay
I
L = 1.5 A
25
µs
I
SD
SD Input Current
V
SD =VIN
1nA
ERROR FLAG COMPARATOR
V
T
Threshold
(Note 9)
10
516
%
V
TH
Threshold Hysteresis
(Note 9)
5
28
%
V
EF(Sat)
Error Flag Saturation
I
sink = 100µA
0.02
0.1
V
Td
Flag Reset Delay
1
µs
I
lk
Error Flag Pin Leakage
Current
1nA
I
max
Error Flag Pin Sink
Current
V
Error = 0.5V (over temp.)
1
mA
AC PARAMETERS
PSRR
Ripple Rejection
V
IN =VOUT + 1.5V
C
OUT = 100uF
V
OUT = 3.3V
60
dB
V
IN =VOUT + 0.3V
C
OUT = 100uF
V
OUT = 3.3V
40
ρ
n(l/f
Output Noise Density
f = 120Hz
0.8
µV
e
n
Output Noise Voltage
(rms)
BW = 10Hz – 100kHz
150
µV (rms)
BW = 300Hz – 300kHz
100
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which the device is
intended to be functional, but does not guarantee specific performance limits. For guaranteed specifications and test conditions, see Electrical Charateristics. The
guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed
test conditions.
Note 2: At elevated temperatures, devices must be derated based on package thermal resistance. The devices in TO220 package must be derated at
θjA = 50˚C/W
(with 0.5in2, 1oz. copper area), junction-to-ambient (with no heat sink). The devices in the TO263 surface-mount package must be derated at
θjA = 60˚C/W (with
0.5in2, 1oz. copper area), junction-to-ambient. The devices in SOT223 package must be derated at
θjA = 90˚C/W (with 0.5in2, 1oz. copper area), junction-to-ambient.
Note 3: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 4: Typical numbers are at 25˚C and represent the most likely parametric norm.
Note 5: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 6: If used in a dual-supply system where the regulator load is returned to a negative supply, the LP396X output must be diode-clamped to ground.
Note 7: The output PMOS structure contains a diode between the VIN and VOUT terminals. This diode is normally reverse biased. This diode will get forward biased
if the voltage at the output terminal is forced to be higher than the voltage at the input terminal. This diode can typically withstand 200mA of DC current and 1Amp
of peak current.
Note 8: Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage. Output voltage load
regulation is defined as the change in output voltage from the nominal value due to change in load current. The line and load regulation specification contains only
the typical number. However, the limits for line and load regulation are included in the output voltage tolerance specification.
Note 9: Error Flag threshold and hysteresis are specified as percentage of regulated output voltage.
Note 10: Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value. Dropout voltage
specification applies only to output voltages of 2.5V and above. For output voltages below 2.5V, the drop-out voltage is nothing but the input to output differential,
since the minimum input voltage is 2.5V.
Note 11: This specification has been tested for −40˚C
≤ TJ ≤ 85˚C since the temperature rise of the device is negligible under shutdown conditions.
Note 12: The minimum operating value for VIN is equal to either [VOUT(NOM) +VDROPOUT] or 2.5V, whichever is greater.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com