Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3962ESX-3.3 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3962ESX-3.3
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3962ESX-3.3 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP3962ESX-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP3962ESX-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP3962ESX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP3962ESX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP3962ESX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LP3962ESX-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LP3962ESX-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LP3962ESX-3.3 Datasheet HTML 12Page - National Semiconductor (TI) LP3962ESX-3.3 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Typical Performance Characteristics Unless otherwise specified, V
IN =VO(NOM) + 1V, VOUT= 2.5V,
C
OUT = 33µF, IOUT = 10mA, CIN = 68µF, VSD =VIN, and TA = 25˚C.
Drop-Out Voltage vs Temperature for Different Load
Currents
Drop-Out Voltage vs Temperature for Different Output
Voltages (I
OUT = 800mA
10126609
10126610
Ground Pin Current vs Input Voltage (V
SD=VIN)
Ground Pin Current vs Input Voltage (V
SD=100mV)
10126611
10126615
Ground Current vs Temperature (V
SD=VIN)
Ground Current vs Temperature (V
SD=0V
10126618
10126612
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com