Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWJTLPS2.CM Datasheet(PDF) 14 Page - OSRAM GmbH

Part # GWJTLPS2.CM
Description  Indoor General Lighting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJTLPS2.CM Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button GWJTLPS2.CM Datasheet HTML 10Page - OSRAM GmbH GWJTLPS2.CM Datasheet HTML 11Page - OSRAM GmbH GWJTLPS2.CM Datasheet HTML 12Page - OSRAM GmbH GWJTLPS2.CM Datasheet HTML 13Page - OSRAM GmbH GWJTLPS2.CM Datasheet HTML 14Page - OSRAM GmbH GWJTLPS2.CM Datasheet HTML 15Page - OSRAM GmbH GWJTLPS2.CM Datasheet HTML 16Page - OSRAM GmbH GWJTLPS2.CM Datasheet HTML 17Page - OSRAM GmbH GWJTLPS2.CM Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
2017-08-08
14
Version 1.0
GW JTLPS2.CM
ΔVF = VF - VF(25 °C) = f(Tj); IF = 150 mA
ΦVV(25 °C) = f(Tj); IF = 150 mA
ΔCx, ΔCy = f(Tj); IF = 150 mA
GW JTLPS2.CM
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆VF [V]
GW JTLPS2.CM
-40 -20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
v
Φ
v(25°C)
GW JTLPS2.CM
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
:
Cx
:
Cy
Relative Forward Voltage 6) page 25
Relative Vorwärtsspannung 6) Seite 25
Relative Luminous Flux 6) page 25
Relativer Lichtstrom 6) Seite 25
Chromaticity Coordinate Shift 6) page 25
Farbortverschiebung 6) Seite 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com