Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JCS55N06H Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS55N06H
Description  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS55N06H Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS55N06H Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS55N06H Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS55N06H Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS55N06H Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS55N06H Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS55N06H Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS55N06H Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS55N06H Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
R
JCS55N06H
版本:201510C
5/8
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
0.1
1
10
10
100
V
GS
Top
15V
10V
9V
8V
7V
6.5V
6V
5.5V
Bottom
5V
Notes:
1. 250μs pulse test
2. T
C=25
℃
V
DS
[V]
4
6
8
10
12
1
10
100
Notes:
1.250μs pulse test
2.V
DS=40V
25℃
V
GS [V]
150℃
10
0
10
1
10
2
0.0
5.0x10
2
1.0x10
3
1.5x10
3
2.0x10
3
2.5x10
3
3.0x10
3
C
rss
C
oss
C
iss
C
iss=Cgs+Cgd(Cds=shorted)
C
oss=Cds+Cgd
C
rss=Cgd
V
DS Drain-Source Voltage [V]
0
2
4
6
8
10
12
0
10
20
30
40
V
DS
=48V
Q
g
Toltal Gate Charge [nC]
On-Region Characteristics
Transfer Characteristics
Maximum Safe Operating Area
Capacitance Characteristics
Gate Charge Characteristics
On-Resistance Variation vs.
Drain Current and Gate Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com