Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JCS55N06H Datasheet(PDF) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS55N06H
Description  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS55N06H Datasheet(HTML) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS55N06H Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS55N06H Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS55N06H Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS55N06H Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS55N06H Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS55N06H Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS55N06H Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS55N06H Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
R
JCS55N06H
版本:201510C
6/8
特征曲线 ELECTRICAL CHARACTERISTICS (curves)
1 E - 5
1 E - 4
1 E - 3
0 .0 1
0 .1
1
1 0
0 .0 1
0 .1
1
t2
t1
D = 0 .5
0 .2
0 .1
0 .0 5
0 . 0 2
t
1 S q u a r e
W a v e P u ls e D u r a tio n [s e c ]
s in g le p u ls e
0 .0 1
N o t e s :
1 Z θ J C(t)= 1 .2 0 ℃ /W M a x
2 D u ty F a c t o r , D = t 1 /t2
3 T J M -T c = P D M * Z θ J C(t)
P
D M
Transient Thermal Response Curve
(Zthjc)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com