Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JH3421B-R-H-N-B Datasheet(PDF) 9 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JH3421B-R-H-N-B
Description  LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JH3421B-R-H-N-B Datasheet(HTML) 9 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JH3421B-R-H-N-B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421B-R-H-N-B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421B-R-H-N-B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421B-R-H-N-B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421B-R-H-N-B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421B-R-H-N-B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421B-R-H-N-B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421B-R-H-N-B Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421B-R-H-N-B Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
R
非隔离降压型 LED 恒流驱动芯片
JH3421B
版本:
201511A
9/9
注意事项
1.吉林华微电子股份有限公司的产品销售分
为直销和销售代理,无论哪种方式,订货时
请与公司核实。
2.购买时请认清公司商标,如有疑问请与公司
本部联系。
3.在电路设计时请不要超过器件的绝对最大
额定值,否则会影响整机的可靠性。
4.本说明书如有版本变更不另外告知。
NOTE
1.
Jilin Sino-microelectronics co., Ltd
sales its product either through direct
sales or sales agent , thus, for
customers, when ordering , please check
with our company.
2. We strongly recommend customers check
carefully on the trademark when buying
our product, if there is any question,
please don’t be hesitate to contact us.
3.
Please do not exceed the absolute
maximum ratings of the device when
circuit designing.
4.
Jilin Sino-microelectronics co., Ltd
reserves the right to make changes in
this.
specification sheet and is subject to
change without prior notice.
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD.
ADD: No.99 Shenzhen Street, Jilin City,
Jilin Province, China.
Post Code: 132013
Tel:86-432-64678411
Fax:86-432-64665812
Web Site:www.hwdz.com.cn
MARKET DEPARTMENT
ADD: No.99 Shenzhen Street, Jilin City,
Jilin Province, China.
Post Code: 132013
Tel:
86-432-64675588
64675688
64678411-3098/3099
Fax: 86-432-64671533
联系方式
吉林华微电子股份有限公司
公司地址:吉林省吉林市深圳街 99 号
邮编:132013
总机:86-432-64678411
传真:86-432-64665812
网址:www.hwdz.com.cn
市场营销部
地址:吉林省吉林市深圳街 99 号
邮编:132013
电话: 86-432-64675588
64675688
64678411-3098/3099
传真:
86-432-64671533



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com