Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM033NA04LCR Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM033NA04LCR
Description  N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM033NA04LCR Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM033NA04LCR Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM033NA04LCR Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM033NA04LCR Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM033NA04LCR Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM033NA04LCR Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM033NA04LCR Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM033NA04LCR
Taiwan Semiconductor
1
Version: B1611
N-Channel Power MOSFET
40V, 141A, 3.3m
Ω
FEATURES
● Low R
DS(ON) to minimize conductive losses
● Logic level
● Low gate charge for fast power switching
● 100% UIS and R
g tested
● Compliant to RoHS directive 2011/65/EU and in
accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● BLDC Motor Control
● Battery Power Management
● DC-DC converter
● Secondary Synchronous Rectification
KEY PERFORMANCE PARAMETERS
PARAMETER
VALUE
UNIT
VDS
40
V
RDS(on)
(max)
VGS = 10V
3.3
m
Ω
VGS = 4.5V
4.4
Qg
23
nC
PDFN56
Note: MSL 1 (Moisture Sensitivity Level) per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
(Note 1)
TC = 25°C
ID
141
A
TA = 25°C
20
Pulsed Drain Current
IDM
564
A
Single Pulse Avalanche Current
(Note 2)
IAS
44
A
Single Pulse Avalanche Energy
(Note 2)
EAS
290
mJ
Total Power Dissipation
TC = 25°C
PD
125
W
TC = 125°C
25
Total Power Dissipation
TA = 25°C
PD
2.6
W
TA = 125°C
0.5
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Case Thermal Resistance
RӨJC
1
°C/W
Junction to Ambient Thermal Resistance
RӨJA
48
°C/W
Thermal Performance Notes: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case-
thermal reference is defined at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is
determined by the user’s board design.


Similar Part No. - TSM033NA04LCR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM033NA03CR TSC-TSM033NA03CR Datasheet
419Kb / 6P
N-Channel Power MOSFET
More results

Similar Description - TSM033NA04LCR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com