| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE3TC1201-24 Datasheet
# Example questions:
➢ What materials are used for the inner and outer conductors of this cable assembly?
➢ How does the part number change if a cable with a length of 100 centimeters is desired?
➢ What is the maximum vswr this cable assembly is specified to operate at?
# PE3TC1201-24 RF Cable Assembly
## Specifications
️· Connectors: N Male to N Female
️· Impedance: 75 Ohms
️· Cable Type: PE-SF200LL75
️· Length: 24 inches (609.6 mm)
️· Weight: 0.22 lbs (99.79 g)
️· Frequency Range: DC to 3 GHz
️· VSWR: 1.35:1
️· Velocity of Propagation: 70%
️· Operating Voltage: 500 V rms
️· Insertion Loss (Max): 1.32 - 1.46 dB (depending on frequency: 1.32dB @ 2GHz, 1.38dB @ 2GHz, 1.46dB @ 3GHz)
️· Minimum Bend Radius: 1 inch (25.4 mm)
## Construction
️· Inner Conductor: Copper, Bare
️· Dielectric: PTFE
️· Shield: 2 layers of Silver Plated Copper Braid
️· Jacket: FEP, 0.195 in diameter (4.95 mm)
️· Connector Materials:
- Beryllium Copper with Gold plating (contact)
- Passivated Stainless Steel (body/coupling nut)
## Compliance & Ordering
️· RoHS Compliant: Yes
️· Part Number Configuration: PE3TC1201 - *length* (in inches or cm)
- Example: PE3TC1201-12 (12-inch cable) or PE3TC1201-100cm (100cm cable)
# PE3TC1201-24 RF Cable Assembly
## Specifications
️· Connectors: N Male to N Female
️· Impedance: 75 Ohms
️· Cable Type: PE-SF200LL75
️· Length: 24 inches (609.6 mm)
️· Weight: 0.22 lbs (99.79 g)
️· Frequency Range: DC to 3 GHz
️· VSWR: 1.35:1
️· Velocity of Propagation: 70%
️· Operating Voltage: 500 V rms
️· Insertion Loss (Max): 1.32 - 1.46 dB (depending on frequency: 1.32dB @ 2GHz, 1.38dB @ 2GHz, 1.46dB @ 3GHz)
️· Minimum Bend Radius: 1 inch (25.4 mm)
## Construction
️· Inner Conductor: Copper, Bare
️· Dielectric: PTFE
️· Shield: 2 layers of Silver Plated Copper Braid
️· Jacket: FEP, 0.195 in diameter (4.95 mm)
️· Connector Materials:
- Beryllium Copper with Gold plating (contact)
- Passivated Stainless Steel (body/coupling nut)
## Compliance & Ordering
️· RoHS Compliant: Yes
️· Part Number Configuration: PE3TC1201 - *length* (in inches or cm)
- Example: PE3TC1201-12 (12-inch cable) or PE3TC1201-100cm (100cm cable)
| Part No. | PE3TC1201-24 |
| Manufacturer | PASTERNACK |
| Size | 372 Kbytes |
| Pages | 4 pages |
| Description | 75 Ohm N Male to 75 Ohm N Female Low Frequency Cable |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |