Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE3TC1201-24 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3TC1201-24
Description  75 Ohm N Male to 75 Ohm N Female Low Frequency Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC1201-24 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3TC1201-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC1201-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC1201-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC1201-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: N Male
• Connector 2: N Female
• Cable Type: PE-SF200LL75
Features
• Precision 75 Ohm Type N connectors
• 1.35:1 VSWR to 3 GHz
• 70% velocity of propagation (VoP) low loss coax
• 100% VSWR tested and Hi-Pot tested to 500 volts
Very flexible and durable
Enhanced strain relief, heavy duty booting
• In-stock and ready to ship
Applications
Production testing up to 3 GHz
• RF development testing
• General lab testing
• Test rack applications
.
Description
Pasternack’s new line of 75 Ohm type N test cables built on our PE-SF200LL75 coax are optimized for use up to 3 GHz. The
highly flexible low loss coax design improves the usability of the test cables reducing the strain applied to your test compo-
nents while making it easier to route the cables in your test setup or equipment rack. The flexible coax cable has excellent
electrical properties including low insertion loss. These 3 GHz test cables are available with Male and Female Type-N connec-
tor options and are stocked in standard lengths and available for same day shipment.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.35:1
Velocity of Propagation
70
%
Operating Voltage (AC)
500
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
2
3
GHz
Insertion Loss (Max.)
1.32
1.38
1.46
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm N Male to 75 Ohm N Female Low Frequency Cable 24 Inch Length Using 75 Ohm
PE-SF200LL75 Coax, RoHS PE3TC1201-24
PE3TC1201-24 REV 1.0
75 Ohm N Male to 75 Ohm N Female Low Frequency Cable
24 Inch Length Using 75 Ohm PE-SF200LL75 Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3TC1201-24


Similar Part No. - PE3TC1201-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3TC1201-200CM PASTERNACK-PE3TC1201-200CM Datasheet
372Kb / 4P
RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3TC1201-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9349 PASTERNACK-PE9349 Datasheet
238Kb / 2P
50 Ohm N Male to 75 Ohm N Female Adapter
PE9627 PASTERNACK-PE9627 Datasheet
76Kb / 1P
75 OHM N MALE TO 75 OHM TNC FEMALE
PE3307LF PASTERNACK-PE3307LF Datasheet
228Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM N MALE TO 75 OHM N MALE
PE3616 PASTERNACK-PE3616 Datasheet
293Kb / 1P
CABLE ASSEMBLY RG11A/U 75 OHM N MALE TO 75 OHM N MALE
PE3307 PASTERNACK-PE3307 Datasheet
238Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM N MALE TO 75 OHM N MALE
PE3612 PASTERNACK-PE3612 Datasheet
265Kb / 1P
CABLE ASSEMBLY, RG6A/U, 75 OHM N MALE TO 75 OHM N MALE
PE3618LF PASTERNACK-PE3618LF Datasheet
136Kb / 1P
CABLE ASSEMBLY, RG216/U, 75 OHM N MALE TO 75 OHM N MALE
PE3CA1032 PASTERNACK-PE3CA1032 Datasheet
355Kb / 4P
75 Ohm N Male to 75 Ohm N Male Cable Using
PE3616LF PASTERNACK-PE3616LF Datasheet
274Kb / 1P
CABLE ASSEMBLY, RG11A/U, 75 OHM N MALE TO 75 OHM MALE
PE3618 PASTERNACK-PE3618 Datasheet
131Kb / 1P
CABLE ASSEMBLY, RG216/U, 75 OHM N MALE TO 75 OHM N MALE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com