Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE3TC1201-24 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3TC1201-24
Description  75 Ohm N Male to 75 Ohm N Female Low Frequency Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC1201-24 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3TC1201-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC1201-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC1201-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC1201-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE3TC1201
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3TC1201-12 = 12 inches long cable
PE3TC1201-100cm = 100 cm long cable
75 Ohm N Male to 75 Ohm N Female Low Frequency Cable 24 Inch Length Using 75 Ohm PE-SF200LL75 Coax, RoHS
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm N Male to 75 Ohm N Female Low Frequency Cable 24 Inch Length Using 75 Ohm PE-
SF200LL75 Coax, RoHS PE3TC1201-24
URL: http://www.pasternack.com/n-male-n-female-pe-sf200ll75-cable-assembly-pe3tc1201-24-p.aspx
PE3TC1201-24 REV 1.0
RF Cable Assemblies Technical Data Sheet
75 Ohm N Male to 75 Ohm N Female Low Frequency Cable
24 Inch Length Using 75 Ohm PE-SF200LL75 Coax, RoHS
PE3TC1201-24



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com