Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE3TC1201-24 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3TC1201-24
Description  75 Ohm N Male to 75 Ohm N Female Low Frequency Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC1201-24 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3TC1201-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC1201-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC1201-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC1201-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Specification Notes:
Values at 25°C, sea level.
Mechanical Specifications
Cable Assembly
Length
24 in [609.6 mm]
.
Weight
0.22 lbs [99.79 g]
Cable
Cable Type
PE-SF200LL75
Impedance
75 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Bare
Dielectric Type
PTFE
Number of Shields
2
Shield Layer 1
Silver Plated Copper Braid
Shield Layer 2
Silver Plated Copper Braid
Jacket Material
FEP
Jacket Diameter
0.195 in [4.95 mm]
.
One Time Minimum Bend Radius
1 in [25.4 mm]
Connectors
Description
Connector 1
Connector 2
Type
N Male
N Female
Impedance
75 Ohms
75 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Dielectric Type
PTFE
PTFE
Outer Conductor Material and Plating
Passivated Stainless Steel
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25°C, sea level.
PE3TC1201-24 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm N Male to 75 Ohm N Female Low Frequency Cable 24 Inch Length Using 75 Ohm
PE-SF200LL75 Coax, RoHS PE3TC1201-24
RF Cable Assemblies Technical Data Sheet
PE3TC1201-24
75 Ohm N Male to 75 Ohm N Female Low Frequency Cable
24 Inch Length Using 75 Ohm PE-SF200LL75 Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com