Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTE472 Datasheet (PDF) - NTE Electronics

NTE472 Datasheet PDF - NTE Electronics
Part # NTE472
Download  NTE472 Download
File Size   21.98 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Output PO = 1.8W @ 175MHz

NTE472 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE472 Datasheet PDF - NTE Electronics

Part # NTE472
Download  NTE472 Click to download

File Size   21.98 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Output PO = 1.8W @ 175MHz

NTE472 Datasheet (HTML) - NTE Electronics


NTE472 Product details

Description:

The NTE472 is a silicon NPN transistor designed for amplifier, frequency multiplier or oscillator applications in military, mobile marine and citizens band equipment. Suitable for use as output driver or pre–driver stages in VHF and UHF equipment.



Features:

• Specified 12.5 Volt, 175MHz Characteristics:

   Output Power = 1.75 Watts

   Minimum Gain = 11.5dB

   Efficiency = 50%

• Characterized through 225MHz



 




Similar Part No. - NTE472

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE47 NTE-NTE47 Datasheet
22Kb / 2P
Silicon NPN Transistor High Gain, Low Noise Amp
NTE470 NTE-NTE470 Datasheet
24Kb / 2P
Silicon NPN Transistor RF Power Output
NTE471 NTE-NTE471 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Output PO = 100W @ 30MHz
NTE473 NTE-NTE473 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Driver
NTE475 NTE-NTE475 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output
More results


Similar Description - NTE472

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16002 NTE-NTE16002 Datasheet
23Kb / 4P
Silicon NPN Transistor RF Power Output, PO = 13.5W, 175MHz
NTE16003 NTE-NTE16003 Datasheet
22Kb / 4P
Silicon NPN Transistor RF Power Output, PO = 7W, 175MHz
NTE342 NTE-NTE342 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 6W, 175MHz)
NTE343 NTE-NTE343 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 14W, 175MHz)
NTE353 NTE-NTE353 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 4W @ 175MHz
NTE354 NTE-NTE354 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 15W @ 175MHz
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE478 NTE-NTE478 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output, PO = 100W @ 175MHz
NTE344 NTE-NTE344 Datasheet
71Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE360 NTE-NTE360 Datasheet
73Kb / 2P
Silicon NPN Transistor RF Power Output PO = 40W @ 175MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com