Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTE473 Datasheet (PDF) - NTE Electronics

NTE473 Datasheet PDF - NTE Electronics
Part # NTE473
Download  NTE473 Download
File Size   23.03 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Driver

NTE473 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE473 Datasheet PDF - NTE Electronics

Part # NTE473
Download  NTE473 Click to download

File Size   23.03 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Driver

NTE473 Datasheet (HTML) - NTE Electronics


NTE473 Product details

Description:

The NTE473 is a silicon NPN transistor in a TO39 type package designed for amplifier and oscillator applications in military and industrial equipment. Suitable for use as output, driver or predriver stages in VHF equipment.



Features:

• Specified 175MHz, 28V Characteristics:

   Output Power: 2.5W

   Minimum Gain: 10dB

   Efficiency: 50%



 




Similar Part No. - NTE473

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE47 NTE-NTE47 Datasheet
22Kb / 2P
Silicon NPN Transistor High Gain, Low Noise Amp
NTE470 NTE-NTE470 Datasheet
24Kb / 2P
Silicon NPN Transistor RF Power Output
NTE471 NTE-NTE471 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Output PO = 100W @ 30MHz
NTE472 NTE-NTE472 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output PO = 1.8W @ 175MHz
NTE475 NTE-NTE475 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output
More results


Similar Description - NTE473

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE195A NTE-NTE195A Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Amp/Driver, CB
NTE295 NTE-NTE295 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output, Driver
NTE299 NTE-NTE299 Datasheet
18Kb / 1P
Silicon NPN Transistor RF Power Amp, Driver
NTE337 NTE-NTE337 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE338F NTE-NTE338F Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE345 NTE-NTE345 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE348 NTE-NTE348 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE349 NTE-NTE349 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE350 NTE-NTE350 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE351 NTE-NTE351 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com