Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD800M5WFPJ-C Datasheet (PDF) - Rohm

BD800M5WFPJ-C Datasheet PDF - Rohm
Part # BD800M5WFPJ-C
Download  BD800M5WFPJ-C Download
File Size   1789.33 Kbytes
Page   42 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Automotive 500 mA Adjustable Output LDO Regulators

BD800M5WFPJ-C Datasheet (PDF)

Go To PDF Page Download Datasheet
BD800M5WFPJ-C Datasheet PDF - Rohm

Part # BD800M5WFPJ-C
Download  BD800M5WFPJ-C Click to download

File Size   1789.33 Kbytes
Page   42 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Automotive 500 mA Adjustable Output LDO Regulators

BD800M5WFPJ-C Datasheet (HTML) - Rohm


BD800M5WFPJ-C Product details

General Description
The BD800M5Wxxx-C series are linear regulators
designed as low current consumption products for power
supplies in various automotive applications.
These products are designed for up to 45 V as an absolute
maximum voltage and to operate until 500 mA for the
output current with low current consumption 17 μA (Typ).
These can regulate the output with a very high accuracy
(Note 1), ±2 % (BD800M5WFPJ-C, BD800M5WHFP-C) and
±2.6 % (BD800M5WFP2-C). The output voltage can be
adjusted between 1.2 V and 16 V by an external resistive
divider connected to the adjustment pin. These regulators
are therefore an ideal for any applications requiring a direct
connection to the battery and a low current consumption.
A logical “HIGH” at the EN pin turns on the device, and in
the other side, the devices are controlled to disable by a
logical “LOW” input to the EN pin.
The devices feature the integrated Over Current Protection
to protect the device from a damage caused by a shortcircuiting
or an overload. These products also integrate
Thermal Shutdown Protection to avoid the damage by
overheating.
Furthermore, low ESR ceramic capacitors are sufficiently
applicable for the phase compensation.
(Note 1) The tolerance of feedback resistor is not included.

Features
AEC-Q100 Qualified(Note 2)
EN Function (Output Shutdown Function)
Over Current Protection (OCP)
Thermal Shutdown Protection (TSD)

Applications
Power Train
Body
Audio System
Navigation System




Similar Part No. - BD800M5WFPJ-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BD800 INTERSIL-BD800 Datasheet
138Kb / 3P
EPITAXIAL-BASE,SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS
logo
Inchange Semiconductor ...
BD800 ISC-BD800 Datasheet
103Kb / 2P
isc Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
BD800 NJSEMI-BD800 Datasheet
128Kb / 2P
Silicon PNP Power Transistor
More results


Similar Description - BD800M5WFPJ-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
500-mA 3.3-V or 5.0-V Output LDO Regulators
BD9XXN1-C ROHM-BD9XXN1-C Datasheet
1Mb / 49P
For Automotive 45 V 150 mA Fixed/Adjustable Output Nano CapTM LDO Regulators
12.May.2022 Rev.001
BD7XXL05G-C ROHM-BD7XXL05G-C Datasheet
3Mb / 42P
For Automotive 45 V Input 50 mA Fixed Output LDO Regulators
29.Mar.2022 Rev.001
BUXXJA3DG-C ROHM-BUXXJA3DG-C Datasheet
7Mb / 96P
For Automotive 300 mA CMOS LDO Regulators
27.Jun.2022 Rev.002
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
BD4XXS2-C ROHM-BD4XXS2-C Datasheet
1Mb / 39P
For Automotive 45 V Input 200 mA Fixed Output LDO Regulators
09.Sep.2022 Rev.001
BD4XXS5-C ROHM-BD4XXS5-C Datasheet
2Mb / 41P
For Automotive 45 V Input 500 mA Fixed Output LDO Regulators
26.Oct.2022 Rev.002
BD9XXM5-C ROHM-BD9XXM5-C Datasheet
3Mb / 46P
For Automotive 45 V 500 mA Fixed/Adjustable Output QuiCurTM LDO Regulators
20.Jan.2023 Rev.001
BDL00A5NUF-C ROHM-BDL00A5NUF-C Datasheet
2Mb / 36P
For Automotive 20 V Input 500 mA Adjustable Output LDO Regulators
05.Dec.2022 Rev.001
BD7XXL05G-C ROHM-BD7XXL05G-C_V01 Datasheet
3Mb / 42P
For Automotive 45 V Input 50 mA Fixed Output LDO Regulators
18.Nov.2022 Rev.002
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com