Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD4XXS2-C Datasheet (PDF) - Rohm

BD4XXS2-C Datasheet PDF - Rohm
Part # BD4XXS2-C
Download  BD4XXS2-C Download
File Size   1658.41 Kbytes
Page   39 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Automotive 45 V Input 200 mA Fixed Output LDO Regulators

BD4XXS2-C Datasheet (PDF)

Go To PDF Page Download Datasheet
BD4XXS2-C Datasheet PDF - Rohm

Part # BD4XXS2-C
Download  BD4XXS2-C Click to download

File Size   1658.41 Kbytes
Page   39 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Automotive 45 V Input 200 mA Fixed Output LDO Regulators

BD4XXS2-C Datasheet (HTML) - Rohm


BD4XXS2-C Product details

General Description
The BD4xxS2-C series are low quiescent regulators
featuring 45 V absolute maximum voltage, and output
voltage accuracy of ±2 % (3.3 V or 5.0 V: Typ), 200 mA
output current and 40 μA (Typ) current consumption.
These regulators are therefore ideal for applications
requiring a direct connection to the battery and a low
current consumption.
A logical “HIGH” at the CTL pin enables the device and
“LOW” at the CTL pin not enables the device.
(Only W: Includes switch)
Ceramic capacitors can be used for compensation of the
output capacitor phase. Furthermore, these ICs also
feature overcurrent protection to protect the device from
damage caused by short-circuiting and an integrated
thermal shutdown to protect the device from overheating
at overload conditions.

Applications
■ Body
■ Audio System
■ Navigation System, etc.

Features
◼ Qualified for Automotive Applications
◼ Wide Temperature Range (Tj): -40 °C to +150 °C
◼ Wide Operating Input Range: 3.0 V to 42 V
◼ Low Quiescent Current: 40 μA (Typ)
◼ Output Current: 200 mA
◼ High Output Voltage Accuracy: ±2 %
◼ Output Voltage: 3.3 V or 5.0 V (Typ)
◼ Enable Input (Only W: Includes Enable Input)
◼ Over Current Protection (OCP)
◼ Thermal Shutdown Protection (TSD)
◼ AEC-Q100 Qualified(Note 1)
◼ Functional Safety Supportive Automotive Products
(Note 1): Grade 1




Similar Part No. - BD4XXS2-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4XXS5-C ROHM-BD4XXS5-C Datasheet
2Mb / 41P
For Automotive 45 V Input 500 mA Fixed Output LDO Regulators
26.Oct.2022 Rev.002
More results


Similar Description - BD4XXS2-C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
200 mA CMOS LDO Regulators
logo
Rohm
BD433M2WFP3-C ROHM-BD433M2WFP3-C Datasheet
1Mb / 37P
200-mA 3.3-V or 5.0-V Output LDO Regulators
BD9XXN1-C ROHM-BD9XXN1-C Datasheet
1Mb / 49P
For Automotive 45 V 150 mA Fixed/Adjustable Output Nano CapTM LDO Regulators
12.May.2022 Rev.001
BD7XXL05G-C ROHM-BD7XXL05G-C Datasheet
3Mb / 42P
For Automotive 45 V Input 50 mA Fixed Output LDO Regulators
29.Mar.2022 Rev.001
BD4XXM2-C ROHM-BD4XXM2-C Datasheet
1Mb / 37P
200-mA 3.3-V or 5.0-V Output LDO Regulators
30.July.2021 Rev.005
BD800M5WFPJ-C ROHM-BD800M5WFPJ-C Datasheet
1Mb / 42P
For Automotive 500 mA Adjustable Output LDO Regulators
22.Mar.2021 Rev.003
BD4XXS5-C ROHM-BD4XXS5-C Datasheet
2Mb / 41P
For Automotive 45 V Input 500 mA Fixed Output LDO Regulators
26.Oct.2022 Rev.002
BD9XXM5-C ROHM-BD9XXM5-C Datasheet
3Mb / 46P
For Automotive 45 V 500 mA Fixed/Adjustable Output QuiCurTM LDO Regulators
20.Jan.2023 Rev.001
BDL00A5NUF-C ROHM-BDL00A5NUF-C Datasheet
2Mb / 36P
For Automotive 20 V Input 500 mA Adjustable Output LDO Regulators
05.Dec.2022 Rev.001
BD7XXL05G-C ROHM-BD7XXL05G-C_V01 Datasheet
3Mb / 42P
For Automotive 45 V Input 50 mA Fixed Output LDO Regulators
18.Nov.2022 Rev.002
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com