Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9XXM5-C Datasheet (PDF) - Rohm

BD9XXM5-C Datasheet PDF - Rohm
Part # BD9XXM5-C
Download  BD9XXM5-C Download
File Size   3553.49 Kbytes
Page   46 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Automotive 45 V 500 mA Fixed/Adjustable Output QuiCurTM LDO Regulators

BD9XXM5-C Datasheet (PDF)

Go To PDF Page Download Datasheet
BD9XXM5-C Datasheet PDF - Rohm

Part # BD9XXM5-C
Download  BD9XXM5-C Click to download

File Size   3553.49 Kbytes
Page   46 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Automotive 45 V 500 mA Fixed/Adjustable Output QuiCurTM LDO Regulators

BD9XXM5-C Datasheet (HTML) - Rohm


BD9XXM5-C Product details

General Description
The BD9xxM5-C series are linear regulators using the
QuiCurTM topology(Note 1) designed as low current
consumption products for power supplies in various
automotive applications requiring a direct connection to the
battery. These products are designed for up to 45 V as an
absolute maximum voltage and to operate until 500 mA for
the output current with low current consumption 9.5 μA
(Typ). These can regulate the output with a very high
accuracy ±2.0 %. The output voltage line-up are 3.3 V, 5.0
V and Adjustable type by an external resistive divider. The
output voltage can be adjusted between 1.0 V and 16 V by
an external resistive divider connected to the ADJ pin.
Output shutdown function is integrated in the devices(Note
2). A logical “HIGH” at the EN pin turns on the device, and
the devices are controlled to disable by a logical “LOW”
input to the EN pin.
The devices feature the integrated Over Current Protection
to protect the device from a damage caused by a shortcircuiting
or an overload. These products also integrate
Thermal Shutdown Protection to avoid the damage by
overheating and Under Voltage Lock Out to avoid false
operation at low input voltage.
Furthermore, low ESR ceramic capacitors are sufficiently
applicable for the phase compensation.
(Note 1) QuiCurTM is a combination of technologies that provides high-speed
load response.
(Note 2) Applicable for product with Enable Function

Features
◼ QuiCurTM Topology
◼ AEC-Q100 Qualified(Note 5)
◼ Functional Safety Supportive Automotive Products
◼ Automotive Grade
◼ Over Current Protection (OCP)
◼ Thermal Shutdown Protection (TSD)
◼ Under Voltage Lock Out (UVLO)
(Note 5) Grade 1

Applications
◼ Automotive (Power Train, Body ECU)
◼ Car Infotainment System, etc.
◼ Also General Consumer, Industrial Equipment, etc.




Similar Part No. - BD9XXM5-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9XXN1-C ROHM-BD9XXN1-C Datasheet
1Mb / 49P
For Automotive 45 V 150 mA Fixed/Adjustable Output Nano CapTM LDO Regulators
12.May.2022 Rev.001
BD9XXN5-C ROHM-BD9XXN5-C Datasheet
3Mb / 55P
For Automotive 45 V 500 mA Fixed/Adjustable Output Nano CapTM LDO Regulators
25.Dec.2025 Rev.003
More results


Similar Description - BD9XXM5-C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
logo
Rohm
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
500-mA 3.3-V or 5.0-V Output LDO Regulators
BD9XXN1-C ROHM-BD9XXN1-C Datasheet
1Mb / 49P
For Automotive 45 V 150 mA Fixed/Adjustable Output Nano CapTM LDO Regulators
12.May.2022 Rev.001
BD7XXL05G-C ROHM-BD7XXL05G-C Datasheet
3Mb / 42P
For Automotive 45 V Input 50 mA Fixed Output LDO Regulators
29.Mar.2022 Rev.001
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
BD800M5WFPJ-C ROHM-BD800M5WFPJ-C Datasheet
1Mb / 42P
For Automotive 500 mA Adjustable Output LDO Regulators
22.Mar.2021 Rev.003
BD4XXS2-C ROHM-BD4XXS2-C Datasheet
1Mb / 39P
For Automotive 45 V Input 200 mA Fixed Output LDO Regulators
09.Sep.2022 Rev.001
BD4XXS5-C ROHM-BD4XXS5-C Datasheet
2Mb / 41P
For Automotive 45 V Input 500 mA Fixed Output LDO Regulators
26.Oct.2022 Rev.002
BDL00A5NUF-C ROHM-BDL00A5NUF-C Datasheet
2Mb / 36P
For Automotive 20 V Input 500 mA Adjustable Output LDO Regulators
05.Dec.2022 Rev.001
BD7XXL05G-C ROHM-BD7XXL05G-C_V01 Datasheet
3Mb / 42P
For Automotive 45 V Input 50 mA Fixed Output LDO Regulators
18.Nov.2022 Rev.002
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com