Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

YSDT480 Datasheet (PDF) - SUNNY Computer Technology Europe, s.r.o.

YSDT480 Datasheet PDF - SUNNY Computer Technology Europe, s.r.o.
Part # YSDT480
Download  YSDT480 Download
File Size   320.51 Kbytes
Page   7 Pages
Manufacturer  SUNNY [SUNNY Computer Technology Europe, s.r.o.]
Direct Link  https://www.sunny-euro.com/en
Logo SUNNY - SUNNY Computer Technology Europe, s.r.o.
Description YSDT series are designed with metal housing and for there phase system with wide range from 340V ACto 550V AC.

YSDT480 Datasheet (PDF)

Go To PDF Page Download Datasheet
YSDT480 Datasheet PDF - SUNNY Computer Technology Europe, s.r.o.

Part # YSDT480
Download  YSDT480 Click to download

File Size   320.51 Kbytes
Page   7 Pages
Manufacturer  SUNNY [SUNNY Computer Technology Europe, s.r.o.]
Direct Link  https://www.sunny-euro.com/en
Logo SUNNY - SUNNY Computer Technology Europe, s.r.o.
Description YSDT series are designed with metal housing and for there phase system with wide range from 340V ACto 550V AC.

YSDT480 Datasheet (HTML) - SUNNY Computer Technology Europe, s.r.o.


YSDT480 Product details

Features
3-Phase 340~550VAC Wide Range Input
(2-phase operation possible)
Protection:Short Circuit/Overload
/Over Voltage/Over Temperature
Bulit-in Constant Current Limiting Circuit
Full Power Between -30~+60 C
Built-in Passive PFC Function
DC OK Relay Contact
High Efficiency 92% and
Low Power Dissipation




Similar Part No. - YSDT480

ManufacturerPart #DatasheetDescription
logo
SUNNY Computer Technolo...
YSDT240 SUNNY-YSDT240 Datasheet
277Kb / 7P
YSDT series are designed with metal housing and for there phase system with wide range from 340V ACto 550V AC.
YSDT240-24010000 SUNNY-YSDT240-24010000 Datasheet
277Kb / 7P
YSDT series are designed with metal housing and for there phase system with wide range from 340V ACto 550V AC.
YSDT240-48005000 SUNNY-YSDT240-48005000 Datasheet
277Kb / 7P
YSDT series are designed with metal housing and for there phase system with wide range from 340V ACto 550V AC.
More results


Similar Description - YSDT480

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23054 TEC-V23054 Datasheet
880Kb / 7P
Strong magnet system and wide voltage range
S-V23054 TEC-S-V23054 Datasheet
880Kb / 7P
Strong magnet system and wide voltage range
logo
PHOENIX CONTACT
1414697 PHOENIX-1414697 Datasheet
75Kb / 4P
Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1414732 PHOENIX-1414732 Datasheet
77Kb / 4P
Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1414757 PHOENIX-1414757 Datasheet
80Kb / 4P
Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
logo
SUNNY Computer Technolo...
YSDT240 SUNNY-YSDT240 Datasheet
277Kb / 7P
YSDT series are designed with metal housing and for there phase system with wide range from 340V ACto 550V AC.
YSDW120 SUNNY-YSDW120 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
YSDW240 SUNNY-YSDW240 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
YSDW480 SUNNY-YSDW480 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
YSDW60 SUNNY-YSDW60 Datasheet
1Mb / 7P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V ACto 550V AC.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com