Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

YSDW60 Datasheet (PDF) - SUNNY Computer Technology Europe, s.r.o.

YSDW60 Datasheet PDF - SUNNY Computer Technology Europe, s.r.o.
Part # YSDW60
Download  YSDW60 Download
File Size   2019.69 Kbytes
Page   7 Pages
Manufacturer  SUNNY [SUNNY Computer Technology Europe, s.r.o.]
Direct Link  https://www.sunny-euro.com/en
Logo SUNNY - SUNNY Computer Technology Europe, s.r.o.
Description YSDW series are designed with metal housing and for single or two phase system with wide range from 180V ACto 550V AC.

YSDW60 Datasheet (PDF)

Go To PDF Page Download Datasheet
YSDW60 Datasheet PDF - SUNNY Computer Technology Europe, s.r.o.

Part # YSDW60
Download  YSDW60 Click to download

File Size   2019.69 Kbytes
Page   7 Pages
Manufacturer  SUNNY [SUNNY Computer Technology Europe, s.r.o.]
Direct Link  https://www.sunny-euro.com/en
Logo SUNNY - SUNNY Computer Technology Europe, s.r.o.
Description YSDW series are designed with metal housing and for single or two phase system with wide range from 180V ACto 550V AC.

YSDW60 Datasheet (HTML) - SUNNY Computer Technology Europe, s.r.o.


YSDW60 Product details

Features
Single and Two Phase Ultra Wide Input
Range 180~550VAC
Built-in DC OK Relay Contact
Bulit-in Constant Current Limiting Circuit
Over Voltage Category I
DC Output Voltage Adjustable
Three Years Warranty




Similar Part No. - YSDW60

ManufacturerPart #DatasheetDescription
logo
SUNNY Computer Technolo...
YSDW120 SUNNY-YSDW120 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
YSDW120-12010000 SUNNY-YSDW120-12010000 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
YSDW120-24005000 SUNNY-YSDW120-24005000 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
YSDW120-48002500 SUNNY-YSDW120-48002500 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
YSDW240 SUNNY-YSDW240 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
More results


Similar Description - YSDW60

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJE-2V08W1P3 SEOUL-SMJE-2V08W1P3 Datasheet
688Kb / 17P
Acrich2 series designed for AC drive(or operation)...
logo
Bel Fuse Inc.
LDW120-12 BEL-LDW120-12 Datasheet
425Kb / 4P
Single or two phase input AC 187 ??550 VAC
LDW240-12 BEL-LDW240-12 Datasheet
414Kb / 4P
Single, two or three phase input AC 187 ??550 VAC
LDW480-24 BEL-LDW480-24 Datasheet
406Kb / 4P
Single, two or three phase input AC 187 ??550 VAC
logo
NXP Semiconductors
ASL1507SHN NXP-ASL1507SHN Datasheet
551Kb / 56P
Single-phase and two-phase boost converter with limp-home mode
Rev. 1 ??26 April 2018
logo
SUNNY Computer Technolo...
YSDT240 SUNNY-YSDT240 Datasheet
277Kb / 7P
YSDT series are designed with metal housing and for there phase system with wide range from 340V ACto 550V AC.
YSDT480 SUNNY-YSDT480 Datasheet
320Kb / 7P
YSDT series are designed with metal housing and for there phase system with wide range from 340V ACto 550V AC.
YSDW120 SUNNY-YSDW120 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
YSDW240 SUNNY-YSDW240 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
YSDW480 SUNNY-YSDW480 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com