Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

YSDW240 Datasheet (PDF) - SUNNY Computer Technology Europe, s.r.o.

YSDW240 Datasheet PDF - SUNNY Computer Technology Europe, s.r.o.
Part # YSDW240
Download  YSDW240 Download
File Size   2599.46 Kbytes
Page   6 Pages
Manufacturer  SUNNY [SUNNY Computer Technology Europe, s.r.o.]
Direct Link  https://www.sunny-euro.com/en
Logo SUNNY - SUNNY Computer Technology Europe, s.r.o.
Description YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.

YSDW240 Datasheet (PDF)

Go To PDF Page Download Datasheet
YSDW240 Datasheet PDF - SUNNY Computer Technology Europe, s.r.o.

Part # YSDW240
Download  YSDW240 Click to download

File Size   2599.46 Kbytes
Page   6 Pages
Manufacturer  SUNNY [SUNNY Computer Technology Europe, s.r.o.]
Direct Link  https://www.sunny-euro.com/en
Logo SUNNY - SUNNY Computer Technology Europe, s.r.o.
Description YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.

YSDW240 Datasheet (HTML) - SUNNY Computer Technology Europe, s.r.o.


YSDW240 Product details

Features
Single and Two Phase Ultra Wide Input
Range 180~550VAC
Built-in DC OK Relay Contact
Bulit-in Constant Current Limiting Circuit
Over Voltage Category III
DC Output Voltage Adjustable
Three Years Warranty




Similar Part No. - YSDW240

ManufacturerPart #DatasheetDescription
logo
SUNNY Computer Technolo...
YSDW120 SUNNY-YSDW120 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
YSDW120-12010000 SUNNY-YSDW120-12010000 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
YSDW120-24005000 SUNNY-YSDW120-24005000 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
YSDW120-48002500 SUNNY-YSDW120-48002500 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
YSDW480 SUNNY-YSDW480 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
More results


Similar Description - YSDW240

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDW120-12 BEL-LDW120-12 Datasheet
425Kb / 4P
Single or two phase input AC 187 ??550 VAC
logo
ETAL Group
SMP2320-DC24V-20A ETAL-SMP2320-DC24V-20A Datasheet
468Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP23-L20-DC24V-10A ETAL-SMP23-L20-DC24V-10A Datasheet
508Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
Wide range voltage input from AC 90 to 264 V
SMP11 ETAL-SMP11 Datasheet
425Kb / 6P
Wide range voltage input from AC 88 to 264 V
logo
SUNNY Computer Technolo...
YSDT240 SUNNY-YSDT240 Datasheet
277Kb / 7P
YSDT series are designed with metal housing and for there phase system with wide range from 340V ACto 550V AC.
YSDT480 SUNNY-YSDT480 Datasheet
320Kb / 7P
YSDT series are designed with metal housing and for there phase system with wide range from 340V ACto 550V AC.
YSDW120 SUNNY-YSDW120 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
YSDW480 SUNNY-YSDW480 Datasheet
2Mb / 6P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V AC to 550V AC.
YSDW60 SUNNY-YSDW60 Datasheet
1Mb / 7P
YSDW series are designed with metal housing and for single or two phase system with wide range from 180V ACto 550V AC.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com