Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet (PDF) - Semtech Corporation

LR2021 Datasheet PDF - Semtech Corporation
Part # LR2021
Download  LR2021 Download
File Size   5043.17 Kbytes
Page   236 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Long Range, Low Power, Multi-band LoRa® Transceiver

LR2021 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR2021 Datasheet PDF - Semtech Corporation

Part # LR2021
Download  LR2021 Click to download

File Size   5043.17 Kbytes
Page   236 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Long Range, Low Power, Multi-band LoRa® Transceiver

LR2021 Datasheet (HTML) - Semtech Corporation


LR2021 Product details

Characteristics
• Receiver (Rx) Performance
• LoRa® sub-GHz: -141.5dBm @LoRa® 125kHz
• FLRC sub-GHz: -111dBm @260kbps
• FLRC sub-GHz: -104.5dBm @0.975Mbps
-101.5dBm @1.95Mbps
• O-QPSK 802.15.4 2.4GHz: -103dBm @250kbps DSSS
• O-QPSK sub-GHz: -111dBm @100kbps DSSS
• Bluetooth® LE PHY: -100dBm @1Mbps
-97dBm @2Mbps
• Transmitter (Tx) Performance
• Up to +22dBm @sub-GHz
• Up to +12dBm @2.4GHz
• 32dB dynamic in 0.5dB steps
• Low current consumption
• Rx current 5.7mA @sub-GHz
• Tx current 105mA @+22dBm
27mA @+14dBm
12mA @+10dBm sub-GHz
• Low sleep current 470nA
• -40 to +85°C, 1.8 to 3.7V supply

Packaging and Ordering
• 5mm x 5mm QFN package
• MOQ 3000 pieces, Tape & Reel
• Ordering code: LR2021IMLTRT

Generation 4 LoRa® IP
• Multi-SF receiver
• Multi-region front-end
• Improved CAD
• Increased frequency offset tolerance

PHY Compatibility for Protocols
• LoRa / LoRaWAN® at Sub-GHz and 2.4GHz
• Amazon Sidewalk
• Sigfox BPSK
• Wi-SUN FSK
• Wireless M-BUS (device and collector)
• Z-Wave®, Z-Wave LR
• IEEE® 802.15.4™ Thread® and Zigbee™ O-QPSK
• Bluetooth® LE 5.0 PHY compatible
• 2-FSK & 4-FSK based protocols

Key Features
• 150 - 960MHz bands
• 1.5 - 2.5GHz bands
• FLRC up to 2.6Mbps
• LoRa up to 125kbps
• LR-FHSS for SATCOM




Similar Part No. - LR2021

ManufacturerPart #DatasheetDescription
logo
Energizer
LR20 ENERGIZER-LR20 Datasheet
2Mb / 1P
Zinc-manganese Dioxide No added mercury or cadmium
logo
VARTA AG
LR20 VARTA-LR20 Datasheet
88Kb / 1P
Zn-MnO₂ (Alkaline)
2022-04-06
logo
LightGraphix
LR20 LIGHTGRAPHIX-LR20 Datasheet
3Mb / 6P
INTERIOR LINEAR RIGID
23 April 2026
LR20-LT1400 LIGHTGRAPHIX-LR20-LT1400 Datasheet
3Mb / 6P
INTERIOR LINEAR RIGID
23 April 2026
LR20-LT2000 LIGHTGRAPHIX-LR20-LT2000 Datasheet
3Mb / 6P
INTERIOR LINEAR RIGID
23 April 2026
More results


Similar Description - LR2021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
Low Power Long Range Transceiver Module
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
Low Power Long Range Transceiver
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
Low Power Long Range Transceiver
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
Low Power Long Range Transceiver Module
logo
Dorji Industrial Group ...
DRF1278DX DORJI-DRF1278DX Datasheet
871Kb / 11P
500mW Long Range Lora Data Radio Modem
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
Low Power Long Range Transceiver Module V1.0
logo
AUREL S.p.A.
650201415G AUREL-650201415G Datasheet
108Kb / 1P
LOW POWER TM LoRa transceiver
15.10.2016 - Rev A
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com