Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 2 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 2 Page - Semtech Corporation

  LR2021 Datasheet HTML 1Page - Semtech Corporation LR2021 Datasheet HTML 2Page - Semtech Corporation LR2021 Datasheet HTML 3Page - Semtech Corporation LR2021 Datasheet HTML 4Page - Semtech Corporation LR2021 Datasheet HTML 5Page - Semtech Corporation LR2021 Datasheet HTML 6Page - Semtech Corporation LR2021 Datasheet HTML 7Page - Semtech Corporation LR2021 Datasheet HTML 8Page - Semtech Corporation LR2021 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
2 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
General Description
The LR2021 is Semtech's first chip in the LoRa Plus family. Incorporating a fourth-generation LoRa IP, the transceiver supports both
Terrestrial and SATCOM networks in the sub-GHz, 2.4GHz ISM bands, L-band and licensed S-Band. The transceiver is designed to be
backward compatible with previous LoRa devices, ensuring seamless LoRaWAN compatibility.
The device additionally features expanded physical layer modulations for fast long-range communication (FLRC) and is compatible with
various low-power wireless protocols including Amazon Sidewalk, Wireless M-BUS, Wi-SUN FSK, and Z-Wave when integrated with
third-party stack offerings.
The LR2021 features an advanced RF and analog architecture that supports a multi-region, single-SKU design, reducing external BOM costs,
PCB footprint, and power consumption, while offering superior performance compared to previous LoRa transceivers.
DISCLAIMER 1
DISCLAIMER 2
Revision History
Applications
• Security and building automation
• Smart city and Logistics
• Smart utility
• Smart Home
• Industrial Automation
• Smart Agriculture
Regulatory Compliance
• ETSI EN 300 220-1
• FCC Part 15.247/249
• All LoRaWAN supported regions
• Improved Pout for STD-T108
Long Range-Frequency Hopping Spread Spectrum (LR-FHSS) is a high link-budget, high-performance technology combining the
benefits of a modulation employing low energy per bit and advanced frequency hopping schemes to achieve improved
coexistence, spectral efficiency and sensitivity. Semtech Corp. holds patents directed to aspects of the LR-FHSS technology.
Your use of LR-FHSS software made available by Semtech Corp. or its affiliates does not grant any rights to their patents for
LR-FHSS technology. Rights under Semtech patents may be available via various mechanisms, including by purchasing Semtech
SX1261, SX1262, SX1268, LR1110, LR1120, LR1121, or LR2021 semiconductor devices, or their authorized counterparts from
Semtech, or its affiliates, or their respective licensees.
Semtech’s products are designed to be used in connection with qualified
Bluetooth® products and applications but are not
certified or qualified Bluetooth products.
Version
Date
Changes and/or Modifications
0.2
June 2025
Preliminary release
1.1
October 2025
Final datasheet: Clarifications throughout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com