Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 98 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 98 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 94Page - Semtech Corporation LR2021 Datasheet HTML 95Page - Semtech Corporation LR2021 Datasheet HTML 96Page - Semtech Corporation LR2021 Datasheet HTML 97Page - Semtech Corporation LR2021 Datasheet HTML 98Page - Semtech Corporation LR2021 Datasheet HTML 99Page - Semtech Corporation LR2021 Datasheet HTML 100Page - Semtech Corporation LR2021 Datasheet HTML 101Page - Semtech Corporation LR2021 Datasheet HTML 102Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
98 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
6.3.6 SetTx
The SetTx command activates the radio's Tx mode, initiating RF packet transmission, and starting the RTC with the specified tx_timeout
value. While in Tx mode, the BUSY signal goes low after the device is set, indicating its status.
tx_timeout is expressed in periods of the 32kHz RTC (Real-Time Clock) and can have a maximum value of 512 seconds.
0x000000: Disables the timeout function during Tx mode. Tx timeout can be used as a safeguard in case transmission fails and
TxDone interrupt never occurs
Otherwise, tx_timeout defines a timeout (express in periods of 32kHz RTC built-in clock) period after going to Tx
tx_timeout is optional. If not explicitly set, the value configured with the SetDefaultRxTxTimeout command is used.
For successful execution of the command, a valid packet type must be configured, and the packet type must allow Tx operations; otherwise,
the command fails.
If the device is already in Tx mode the command fails as tx_timeout cannot be updated.
If the RTC event fires before the transmission completion, a Timeout IRQ is triggered, and the transmission is stopped prematurely.
Otherwise, upon the successful completion of packet transmission, a Txdoneinterrupt is generated.
After a Timeout IRQ or TxDone IRQ, the device returns to one of the following modes defined by the command SetRxTxFallbackMode
(Standby RC, Standby XOSC or FS mode).
6.3.7 SetRxTxFallbackMode
The SetRxTxFallbackMode command determines the mode the device enters after completion of a packet transmission or reception.
fallback_mode offers the following fallback mode values:
0x01: Standby RC mode (default value)
0x02: Standby XOSC mode
0x03: FS mode (Frequency Synthesizer)
Other values are RFU and should not be used
In duty cycle mode, the chip goes to the defined fallback mode a s soon as a packet is received (Rxdone).
fallback_mode is also used during an AutoRxTx sequence, both after first Rx/Tx and second Tx/Rx. Fallback is also used after CAD.
Table 6-12: SetTx Command
Byte
0
1
2
3
4
Data from Host
0x02
0x0D
tx_timeout (23:16)
tx_timeout (15:8)
tx_timeout (7:0)
Data to Host
Stat(15:8)
Stat(7:0)
IrqStatus(31:24)
IrqStatus(23:16)
IrqStatus(15:8)
Table 6-13: SetRxTxFallbackMode Command
Byte
0
1
2
Data from Host
0x02
0x06
rfu(3:0)
fallback_mode(3:0)
Data to Host
Stat(15:8)
Stat(7:0)
IrqStatus (31:24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com