Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 23 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 19Page - Semtech Corporation LR2021 Datasheet HTML 20Page - Semtech Corporation LR2021 Datasheet HTML 21Page - Semtech Corporation LR2021 Datasheet HTML 22Page - Semtech Corporation LR2021 Datasheet HTML 23Page - Semtech Corporation LR2021 Datasheet HTML 24Page - Semtech Corporation LR2021 Datasheet HTML 25Page - Semtech Corporation LR2021 Datasheet HTML 26Page - Semtech Corporation LR2021 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
23 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
The LR2021 uses an internal SIMO converter and voltage regulation system to supply VR_PA.
Figure 1-5 shows that the +14dBm and +17dBm power targets remain stable across the full supply voltage range (1.8V-3.7V), while the
+22dBm target is limited by the supply voltage: output is clamped at +20dBm for VBAT <2.2V and achieves the full +22dBm for VBAT ≥2.2V.
Figure 1-5: PA LF Tx Power vs VBAT for +14, +17, +22dBm Targeted Output Power
Figure 1-6 shows PA LF current consumption decreasing for +14dBm and +17dBm, with increasing VBAT due to improved regulator
efficiency at higher supply voltages. The +22dBm setting exhibits a peak at approximately 2.2V (~140mA) where the regulator operates with
reduced efficiency while output is clamped at +20dBm, then decreases to ~95mA at higher voltages where improved regulator efficiency
enables full +22dBm delivery.
Figure 1-6: PA IDD Tx vs VBAT for +14, +17, +22dBm Targeted Output Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com