Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 71 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 71 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 67Page - Semtech Corporation LR2021 Datasheet HTML 68Page - Semtech Corporation LR2021 Datasheet HTML 69Page - Semtech Corporation LR2021 Datasheet HTML 70Page - Semtech Corporation LR2021 Datasheet HTML 71Page - Semtech Corporation LR2021 Datasheet HTML 72Page - Semtech Corporation LR2021 Datasheet HTML 73Page - Semtech Corporation LR2021 Datasheet HTML 74Page - Semtech Corporation LR2021 Datasheet HTML 75Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
71 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
4.4.5 Transmit (Tx)
In Tx (Transmitter) mode, the PLL (Phase-Locked Loop), analog front end, Power-Amplifier (PA), and the selected modem are activated. As
with Rx mode, only one modem can be active at a time to ensure correct operation.
TX mode can operate in different sub-modes, each catering to specific transmission requirements:
Single Mode: In single mode, the device automatically returns to a configured mode defined by SetRxTxFallbackMode (default
Standby RC) after successfully transmitting a packet. This mode is suitable for transmitting single packets without the need for
manual intervention once the transmission is complete.
Single Mode with Timeout: In single mode with timeout, the device also automatically returns to a configured mode (default
Standby RC) after packet transmission. Additionally, the device exits TX mode with a Timeout IRQ (if enabled) if the transmission is
not successful within the given timeout time.
Continuous Wave (CW) Mode: In CW mode, the carrier frequency is transmitted indefinitely until another command is issued to
change the mode. This mode is useful for generating continuous RF signals without any data modulation, and it is often utilized for
testing and signal generation purposes.
Infinite Preamble Mode: In infinite preamble mode, an infinite preamble of the configured modulation is continuously output on
the RF (Radio Frequency). This mode is employed for generating specific signal patterns at the start of the transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com