Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 24 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 20Page - Semtech Corporation LR2021 Datasheet HTML 21Page - Semtech Corporation LR2021 Datasheet HTML 22Page - Semtech Corporation LR2021 Datasheet HTML 23Page - Semtech Corporation LR2021 Datasheet HTML 24Page - Semtech Corporation LR2021 Datasheet HTML 25Page - Semtech Corporation LR2021 Datasheet HTML 26Page - Semtech Corporation LR2021 Datasheet HTML 27Page - Semtech Corporation LR2021 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
24 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
1.2.2 High Frequency Power Amplifier (PA HF)
PA HF is optimized for 2.4-GHz operation (1500-2500MHz), capable of delivering up to 12dBm in 0.5dB steps.
PA HF output power is controlled by only two parameters, configurable through SPI commands:
• tx_power: Programmed power level (SetTxParams)
• pa_lf_duty_cycle: PA conduction angle and bias setting (SetPaConfig)
As for PA LF, the various output power steps can be obtained through combination of these parameters. Therefore a defined set of
optimized PA parameters can be defined to reach the targeted Tx Power for each application PCB. Please refer to Table 7-18 for Optimal
Values for 2445MHz Semtech Reference Design.
Figure 1-7 shows that PA HF demonstrates linear power transfer from -15dBm to +12dBm with actual output tracking programmed target.
Current consumption ranges from 10mA at -15dBm to 24mA at +12dBm, showing near-linear scaling.
The 24mA consumption at maximum power (+12dBm) indicates good PA efficiency.
It is possible to obtain higher efficiency at10dBm or less, contact Semtech for assistance.
Figure 1-7: PA HF Tx Power and IDD Tx vs Targeted Power (2445MHz, 3.3V SIMO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com