Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR2021 Datasheet(PDF) 28 Page - Semtech Corporation

Part # LR2021
Description  Long Range, Low Power, Multi-band LoRa® Transceiver
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LR2021 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button LR2021 Datasheet HTML 24Page - Semtech Corporation LR2021 Datasheet HTML 25Page - Semtech Corporation LR2021 Datasheet HTML 26Page - Semtech Corporation LR2021 Datasheet HTML 27Page - Semtech Corporation LR2021 Datasheet HTML 28Page - Semtech Corporation LR2021 Datasheet HTML 29Page - Semtech Corporation LR2021 Datasheet HTML 30Page - Semtech Corporation LR2021 Datasheet HTML 31Page - Semtech Corporation LR2021 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 236 page
background image
LR2021
Final Datasheet
Rev. 1.1
DS.LR2021
10/14/25
28 of 236
Semtech
Proprietary & Confidential
LR2021
www.semtech.com
1.5.4 Power Supply Mode
Two power modes are available, SIMO converter for low power applications and, LDO for noise sensitive, low-cost or small size applications.
The SIMO delivers two phases:
VDCC: To supply the LDOs for the analogue and digital block of the circuit. Typical value for VDCC = 1.55V, max IDCC = 20mA. The
regulated supply is available on pin VDCC1 and is connected to the rest of the chip externally via PCB and pin VDCC2.
VPAX: To specifically supply the PA (through the REG PA). The regulated supply is available on VPAX1 and is connected to the PA
regulator externally via PCB and pin VPAX2.
Figure 1-11: SIMO Configuration and Connection
The LDO mode simplifies connections for low cost applications where PA efficiency is not the primary concern, as shown in Figure 1-12.
Figure 1-12: LDO Configuration and Connection
VBAT
VPAX2
SIMO
VBAT
VPAX2
LDOs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com